Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2KBP100-C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # S2KBP100-C
Description  2.0 Amp Glass Passivited Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S2KBP100-C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  S2KBP100-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S2KBP100-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
S2KBP20-C ~ S2KBP100-C
Voltage 200V ~ 1000V
2.0 Amp Glass Passivited Bridge Rectifiers
02-Oct-2012 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
FEATURES
Ideal for printed circuit board
Low forward voltage drop, high current capability
Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
These are Halogen & Pb Free components
This series is UL recognized under Component Index,
file number E255340
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
S2KBP20
-C
S2KBP40
-C
S2KBP60
-C
S2KBP80
-C
S2KBP100
-C
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
200
400
600
800
1000
V
Average Rectified Output Current @50HZ sine
wave, R-load, TA=25°C
IO
2
A
Peak Forward Surge Current @
50HZ sine wave, 1 cycle, TA=25°C
IFSM
80
A
Maximum Peak Forward Voltage
2
VFM
1.1
V
Peak Reverse Current
1
IRRM
10
μA
I
2t Rating for Fusing @1ms≤t<8.3ms,
TJ=25°C,Rating of per diode
I
2t
27
A
2s
Typical Thermal Resistance (with heat sink)
RθJC
1.5
°C/W
Typical Thermal Resistance(without heat sink)
RθJA
45
°C/W
Typical Thermal Resistance(without heat sink)
RθJL
8
°C/W
Operating and Storage temperature range
TJ,TSTG
150, -40~150
°C
Notes:
1.
VRM=VRRM, Pulse measurement, Rating of per diode.
2.
IFM=1.0A, Pulse measurement, Rating of per diode
KBP
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
14.30
14.70
G
3.40
3.60
B
10.80
11.20
H
3.70
3.90
C
1.35
1.75
I
0.90
1.10
D
14.00
15.00
J
2.10
2.30
E
1.30
1.70
K
0.40
0.60
F
0.60
0.80


Similar Part No. - S2KBP100-C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S2KBP100-C SECOS-S2KBP100-C Datasheet
225Kb / 2P
   2.0 Amp Glass Passivited Bridge Rectifiers
More results

Similar Description - S2KBP100-C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S2KBP20-C SECOS-S2KBP20-C_17 Datasheet
225Kb / 2P
   2.0 Amp Glass Passivited Bridge Rectifiers
S2GBL20 SECOS-S2GBL20_15 Datasheet
197Kb / 2P
   2.0 Amp Glass Passivited Bridge Rectifiers
S6GBP20 SECOS-S6GBP20_15 Datasheet
213Kb / 2P
   6.0 Amp Glass Passivited Bridge Rectifiers
S3KBP20 SECOS-S3KBP20_15 Datasheet
330Kb / 2P
   3.0 Amp Glass Passivited Bridge Rectifiers
S10JB80 SECOS-S10JB80_15 Datasheet
248Kb / 2P
   10.0 Amp Glass Passivited Bridge Rectifiers
S4GBL20-C SECOS-S4GBL20-C Datasheet
189Kb / 2P
   4.0 Amp Glass Passivited Bridge Rectifiers
S10KBJ20-C SECOS-S10KBJ20-C Datasheet
265Kb / 2P
   10.0 Amp Glass Passivited Bridge Rectifiers
S4KBJ20 SECOS-S4KBJ20_15 Datasheet
264Kb / 2P
   4.0 Amp Glass Passivited Bridge Rectifiers
S4KBJ20-C SECOS-S4KBJ20-C Datasheet
264Kb / 2P
   4.0 Amp Glass Passivited Bridge Rectifiers
S4KBP20-C SECOS-S4KBP20-C Datasheet
227Kb / 2P
   4.0 Amp Glass Passivited Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com