Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2221L Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # 2N2221L
Description  Radiation Hardened NPN Silicon Switching Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2N2221L Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  2N2221L Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2N2221L Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 2N2221L Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 2N2221L Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. 2N2221L Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. 2N2221L Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Radiation Hardened NPN Silicon Switching Transistors
Rev. V1
2N2221A, L, UA, UB &
2N2222A, L, UA, UB
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
Outline Drawing (UA Surface Mount):
Symbol
Dimensions
Notes
Inches
Millimeters
Min.
Max.
Min.
Max.
BL
0.215
0.225
5.46
5.71
BL2
0.225
5.71
BW
0.145
0.155
3.68
3.93
BW2
0.155
3.93
CH
0.061
0.075
1.55
1.90
3
L3
0.003
0.007
0.08
0.18
5
LH
0.029
0.042
0.74
1.07
LL1
0.032
0.048
0.81
1.22
LL2
0.072
0.088
1.83
2.23
LS
0.045
0.055
1.14
1.39
LW
0.022
0.028
0.56
0.71
LW2
0.006
0.022
0.15
0.56
5
1. Dimensions are in inches.
2. Millimeters are given for general information only.
3. Dimension CH controls the overall package thickness. When a window lid is used, dimension CH must
increase by a minimum of .010 inch (0.254 mm) and a maximum of .040 inch (1.020 mm).
4. The corner shape (square, notch, radius) may vary at the manufacturer's option, from that shown on the
drawing.
5. Dimensions LW2 minimum and L3 minimum and the appropriate castellation length define an unobstructed
three-dimensional space traversing all of the ceramic layers in which a castellation was designed.
(Castellations are required on the bottom two layers, optional on the top ceramic layer.) Dimension LW2
maximum and L3 maximum define the maximum width and depth of the castellation at any point on its
surface. Measurement of these dimensions may be made prior to solder dipping.
6. The co-planarity deviation of all terminal contact points, as defined by the device seating plane, shall not
exceed .006 inch (0.15 mm) for solder dipped leadless chip carriers.
7. In accordance with ASME Y14.5M, diameters are equivalent to Фx symbology.
Pin #
1
2
3
4
Transistor Collector
Emitter
Base
N/C


Similar Part No. - 2N2221L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N2221 STMICROELECTRONICS-2N2221 Datasheet
71Kb / 5P
   HIGH-SPEED SWITCHES
January 1989
logo
Siemens Semiconductor G...
2N2221 SIEMENS-2N2221 Datasheet
45Kb / 2P
   NPN Silicon Planar Transistors
logo
Fairchild Semiconductor
2N2221 FAIRCHILD-2N2221 Datasheet
378Kb / 10P
   NPN Small Signal General Purpose Amplifiers
logo
Seme LAB
2N2221 SEME-LAB-2N2221 Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO18 Metal Package.
logo
Central Semiconductor C...
2N2221 CENTRAL-2N2221 Datasheet
531Kb / 2P
   NPN SILICON TRANSISTOR
More results

Similar Description - 2N2221L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2N3501UB MICROSEMI-JAN2N3501UB Datasheet
614Kb / 7P
   RADIATION HARDENED NPN SILICON SWITCHING TRANSISTOR
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
   Radiation-Hardened
logo
Microsemi Corporation
2N3498 MICROSEMI-2N3498_1 Datasheet
111Kb / 3P
   RADIATION HARDENED
2N2906A MICROSEMI-2N2906A_1 Datasheet
105Kb / 6P
   RADIATION HARDENED
2N3634 MICROSEMI-2N3634_1 Datasheet
233Kb / 5P
   RADIATION HARDENED
2N2221A MICROSEMI-2N2221A_1 Datasheet
144Kb / 7P
   RADIATION HARDENED
logo
International Rectifier
IRHLUB7970Z4 IRF-IRHLUB7970Z4_10 Datasheet
231Kb / 11P
   RADIATION HARDENED
logo
Siemens Semiconductor G...
PZT2222 SIEMENS-PZT2222 Datasheet
126Kb / 6P
   NPN Silicon Switching Transistors
logo
Boca Semiconductor Corp...
2N5320 BOCA-2N5320 Datasheet
75Kb / 2P
   SWITCHING TRANSISTORS (NPN SILICON)
logo
STMicroelectronics
TIP47 STMICROELECTRONICS-TIP47 Datasheet
49Kb / 4P
   SILICON NPN SWITCHING TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com