Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6GBJ80-C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # S6GBJ80-C
Description  6.0Amp Glass Passivited Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S6GBJ80-C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  S6GBJ80-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S6GBJ80-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S6GBJ20-C ~ S6GBJ80-C
Voltage 200V ~ 800V
6.0Amp Glass Passivited Bridge Rectifiers
Elektronische Bauelemente
23-Jul-2012 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
FEATURES
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique
Plastic material has Underwriters Laboratory
flammability classification 94V-0
Mounting position: Any
These are Halogen & Pb Free components
This series is UL recognized under Component Index,
file number E255340
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Part Number
Unit
S6GBJ20-C
S6GBJ40-C
S6GBJ60-C
S6GBJ80-C
Maximum Recurrent Peak Reverse Voltage
VRRM
200
400
600
800
V
Average Rectified Output
Current @50HZ sine
wave, R-load
TC=110°C
(with heat sink)
IO
6
A
TA=25°C
(without heat sink)
2.8
Peak Forward Surge Current @
50HZ sine wave, 1 cycle, TA=25°C
IFSM
170
A
Maximum Peak Forward Voltage
3
VFM
1.05
V
Peak Reverse Current
2
IRRM
10
µA
I
2t Rating for Fusing @1ms≤t<8.3ms,
TJ=25°C,Rating of per diode
I
2t
120
A
2s
Mounting Torque @ Recommend torque:5kg·cm
TOR
8
Kg‧cm
Dielectric Strength
1
Vdis
2
kV
Typical Thermal Resistance (with heat sink)
RθJC
3.4
°C/W
Typical Thermal Resistance(without heat sink)
RθJA
26
°C/W
Typical Thermal Resistance(without heat sink)
RθJL
5
°C/W
Operating and Storage temperature range
TJ,TSTG
150, -40~150
°C
Notes:
1.
Terminals to case,AC 1 minute
2.
VRM=VRRM, Pulse measurement, Rating of per diode.
3.
IFM=3.0A, Pulse measurement, Rating of per diode
GBJ
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
29.7
30.3
I
7.3
7.7
B
19.7
20.3
J
2.5
2.9
C
2.3
2.7
K
0.6
0.8
D
17
18
L
10.8
11.2
E
2.0
2.4
M
φ3.1
φ3.4
F
0.9
1.1
N
3.8
4.2
G
3.4
3.8
P
4.4
4.8
H
9.8
10.2


Similar Part No. - S6GBJ80-C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S6GBJ20 SECOS-S6GBJ20_15 Datasheet
217Kb / 2P
   6.0Amp Glass Passivited Bridge Rectifiers
More results

Similar Description - S6GBJ80-C

ManufacturerPart #DatasheetDescription
logo
Shenzhen Yixinwei Techn...
GBU6005 YIXIN-GBU6005 Datasheet
1Mb / 2P
   6.0Amp Glass Passivited Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
S6GBJ20 SECOS-S6GBJ20_15 Datasheet
217Kb / 2P
   6.0Amp Glass Passivited Bridge Rectifiers
S6GBU20 SECOS-S6GBU20_15 Datasheet
225Kb / 2P
   6.0Amp Glass Passivited Bridge Rectifiers
S6GBU20-C SECOS-S6GBU20-C Datasheet
225Kb / 2P
   6.0Amp Glass Passivited Bridge Rectifiers
GBU6005 SECOS-GBU6005_11 Datasheet
963Kb / 2P
   Voltage 50V ~ 1000V 6.0Amp Glass Passivited Bridge Rectifiers
GBU6005 SECOS-GBU6005_15 Datasheet
278Kb / 2P
   6.0Amp Glass Passivated Bridge Rectifiers
S4GBU20-C SECOS-S4GBU20-C_18 Datasheet
234Kb / 2P
   4.0Amp Glass Passivited Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
GBU10005 YIXIN-GBU10005 Datasheet
865Kb / 2P
   10.0Amp Glass Passivited Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
S10GBU20 SECOS-S10GBU20_15 Datasheet
227Kb / 2P
   10.0Amp Glass Passivited Bridge Rectifiers
KBP2005G SECOS-KBP2005G_11 Datasheet
290Kb / 2P
   2.0Amp Glass Passivited Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com