Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74TVC3306 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74TVC3306
Description  DUAL VOLTAGE CLAMP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74TVC3306 Datasheet(HTML) 3 Page - Texas Instruments

  SN74TVC3306 Datasheet HTML 1Page - Texas Instruments SN74TVC3306 Datasheet HTML 2Page - Texas Instruments SN74TVC3306 Datasheet HTML 3Page - Texas Instruments SN74TVC3306 Datasheet HTML 4Page - Texas Instruments SN74TVC3306 Datasheet HTML 5Page - Texas Instruments SN74TVC3306 Datasheet HTML 6Page - Texas Instruments SN74TVC3306 Datasheet HTML 7Page - Texas Instruments SN74TVC3306 Datasheet HTML 8Page - Texas Instruments SN74TVC3306 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.ti.com
AC Performance (Translating Down)
Switching Characteristics
Switching Characteristics
AC Performance (Translating Up)
Switching Characteristics
Switching Characteristics
SN74TVC3306
DUAL VOLTAGE CLAMP
SCDS112C – MARCH 2001 – REVISED MARCH 2005
over recommended operating free-air temperature range, V
GATE = 3.3 V, VIH = 3.3 V, VIL = 0, and VM = 1.15 V
(unless otherwise noted) (see Figure 1)
CL = 50 pF
CL = 30 pF
CL = 15 pF
FROM
TO
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
0
0.8
0
0.6
0
0.3
A or B
B or A
ns
tPHL
0
1.2
0
1
0
0.5
over recommended operating free-air temperature range, V
GATE = 2.5 V, VIH = 2.5 V, VIL = 0, and VM = 0.75 V
(unless otherwise noted) (see Figure 1)
CL = 50 pF
CL = 30 pF
CL = 15 pF
FROM
TO
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
0
1
0
0.7
0
0.4
A or B
B or A
ns
tPHL
0
1.3
0
1
0
0.6
over recommended operating free-air temperature range, V
GATE = 3.3 V, VIH = 2.3 V, VIL = 0, VT = 3.3 V, VM = 1.15 V, and
R
L = 300 Ω (unless otherwise noted) (see Figure 1)
CL = 50 pF
CL = 30 pF
CL = 15 pF
FROM
TO
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
0
0.9
0
0.6
0
0.4
A or B
B or A
ns
tPHL
0
1.4
0
1.1
0
0.7
over recommended operating free-air temperature range, V
GATE = 2.5 V, VIH = 1.5 V, VIL = 0, VT = 2.5 V, VM = 0.75 V, and
R
L = 300 Ω (unless otherwise noted) (see Figure 1)
CL = 50 pF
CL = 30 pF
CL = 15 pF
FROM
TO
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
0
1
0
0.6
0
0.4
A or B
B or A
ns
tPHL
0
1.3
0
1.3
0
0.8
3


Similar Part No. - SN74TVC3306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74TVC3306 TI-SN74TVC3306 Datasheet
225Kb / 11P
[Old version datasheet]   DUAL VOLTAGE CLAMP
SN74TVC3306 TI1-SN74TVC3306 Datasheet
876Kb / 19P
[Old version datasheet]   SN74TVC3306 Dual Voltage Clamp
SN74TVC3306DCTR TI-SN74TVC3306DCTR Datasheet
225Kb / 11P
[Old version datasheet]   DUAL VOLTAGE CLAMP
SN74TVC3306DCTR TI1-SN74TVC3306DCTR Datasheet
589Kb / 13P
[Old version datasheet]   DUAL VOLTAGE CLAMP
SN74TVC3306DCTRE4 TI-SN74TVC3306DCTRE4 Datasheet
225Kb / 11P
[Old version datasheet]   DUAL VOLTAGE CLAMP
More results

Similar Description - SN74TVC3306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74TVC3306 TI-SN74TVC3306_07 Datasheet
225Kb / 11P
[Old version datasheet]   DUAL VOLTAGE CLAMP
SN74TVC16222-2 TI1-SN74TVC16222-2 Datasheet
589Kb / 13P
[Old version datasheet]   DUAL VOLTAGE CLAMP
SN74TVC3306 TI1-SN74TVC3306_15 Datasheet
876Kb / 19P
[Old version datasheet]   SN74TVC3306 Dual Voltage Clamp
logo
Gaomi Xinghe Electronic...
SMF50CA GXELECTRONICS-SMF50CA Datasheet
1Mb / 6P
   Maximum Clamp Voltage
logo
Texas Instruments
SN74TVC3010 TI-SN74TVC3010 Datasheet
142Kb / 11P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A_07 Datasheet
299Kb / 18P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222-1 TI1-SN74TVC16222-1 Datasheet
763Kb / 21P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A_08 Datasheet
421Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222 TI1-SN74TVC16222 Datasheet
427Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC3010 TI-SN74TVC3010_07 Datasheet
505Kb / 19P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com