Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTF9201-2535MHZ-DCC6C Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTF9201-2535MHZ-DCC6C
Description  SAW BANDPASS FILTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9201-2535MHZ-DCC6C Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTF9201-2535MHZ-DCC6C Datasheet HTML 1Page - Advanced Crystal Technology ACTF9201-2535MHZ-DCC6C Datasheet HTML 2Page - Advanced Crystal Technology ACTF9201-2535MHZ-DCC6C Datasheet HTML 3Page - Advanced Crystal Technology ACTF9201-2535MHZ-DCC6C Datasheet HTML 4Page - Advanced Crystal Technology ACTF9201-2535MHZ-DCC6C Datasheet HTML 5Page - Advanced Crystal Technology ACTF9201-2535MHZ-DCC6C Datasheet HTML 6Page - Advanced Crystal Technology ACTF9201-2535MHZ-DCC6C Datasheet HTML 7Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Electrical Characteristics
Item
Minimum
Typical
Maximum
Unit
Center Frequency
fC
2535
MHz
Insertion Loss
IL
2500.00 …. 2570.00 MHz
--
1.8
2.6
dB
Group Delay Ripple
2500.00 …. 2570.00 MHz
8
20
ns
Absolute Attenuation
α
DC …. 1000.00 MHz
23
28
dB
1000.00 …. 2400.00 MHz
23
28
dB
2400.00 …. 2460.00 MHz
15
27
dB
2620.00 …. 2690.00 MHz
28
38
dB
2690.00 …. 3000.00 MHz
30
34
dB
3000.00 …. 3500.00 MHz
30
34
dB
3500.00 …. 5000.00 MHz
20
dB
Amplitude Ripple (p-p) 2500.00 …. 2570.00 MHz
Δα
0.9
1.5
dB
Intput
VSWR
2500.00 …. 2570.00 MHz
1.2:1
2.0:1
Output
VSWR
2500.00 …. 2570.00 MHz
1.2:1
2.0:1
Input / Output Impedance (Nominal)
50
Ω
RoHS Compliant
Electrostatic Sensitive Device
Typical Frequency Response
- 3 -


Similar Part No. - ACTF9201-2535MHZ-DCC6C

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF9205 ACT-ACTF9205 Datasheet
659Kb / 6P
   Low-loss RF filter
ACTF9205-2345-DCC6C ACT-ACTF9205-2345-DCC6C Datasheet
659Kb / 6P
   Low-loss RF filter
More results

Similar Description - ACTF9201-2535MHZ-DCC6C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com