Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTF9160-915.0-DCC6C Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTF9160-915.0-DCC6C
Description  RF Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9160-915.0-DCC6C Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTF9160-915.0-DCC6C Datasheet HTML 1Page - Advanced Crystal Technology ACTF9160-915.0-DCC6C Datasheet HTML 2Page - Advanced Crystal Technology ACTF9160-915.0-DCC6C Datasheet HTML 3Page - Advanced Crystal Technology ACTF9160-915.0-DCC6C Datasheet HTML 4Page - Advanced Crystal Technology ACTF9160-915.0-DCC6C Datasheet HTML 5Page - Advanced Crystal Technology ACTF9160-915.0-DCC6C Datasheet HTML 6Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features ACTF9160-915.0-DCC6C
Low-loss RF filter for mobile systems
Low amplitude ripple
No matching network required for operation at 50
Ceramic package for Surface Mounted
Technology (SMT)
Lead-free production and RoHS compliant
Package Dimensions
Ceramic Package: DCC6C
Pin Configuration
2
Input
5
Output
1, 3, 4, 6
Ground
Marking
Top View, Laser Marking
"ACT”:
Manufacturer’s mark
“F”:
SAW filter
“9160”:
Part number
Maximum Ratings
Rating
Value
Unit
Input Power Level
P
10
dBm
DC Voltage
VDC
12
V
Operating Temperature Range
TA
-45 ~ +125
°C
Storage Temperature Range
Tstg
-45 ~ +125
°C
- 1 -


Similar Part No. - ACTF9160-915.0-DCC6C

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF916.5/915.6/F11 ACT-ACTF916.5/915.6/F11 Datasheet
69Kb / 3P
   low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF9165 ACT-ACTF9165 Datasheet
69Kb / 3P
   low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
More results

Similar Description - ACTF9160-915.0-DCC6C

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF9038 ACT-ACTF9038 Datasheet
279Kb / 2P
   RF filter
ACTF9124 ACT-ACTF9124 Datasheet
274Kb / 2P
   RF Filter
25/ 03/ 2008
ACTF9027 ACT-ACTF9027_10 Datasheet
152Kb / 3P
   RF filter
March 2010
ACTF8002 ACT-ACTF8002_10 Datasheet
121Kb / 3P
   RF filter
March 2010
ACTF4197 ACT-ACTF4197 Datasheet
464Kb / 5P
   RF filter
ACTF8015 ACT-ACTF8015 Datasheet
211Kb / 3P
   RF filter
SEPT 06
ACTF4042 ACT-ACTF4042 Datasheet
198Kb / 3P
   RF Filter
ACT-F9081 ACT-ACT-F9081 Datasheet
321Kb / 3P
   RF Filter
SEPT 06
ACTF4186 ACT-ACTF4186 Datasheet
219Kb / 5P
   RF Filter
ACTF3031 ACT-ACTF3031 Datasheet
216Kb / 2P
   RF Filter
ACTF5031 ACT-ACTF5031 Datasheet
310Kb / 2P
   RF filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com