Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTF9124-1950-DCC6C Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF9124-1950-DCC6C
Description  RF Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9124-1950-DCC6C Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF9124-1950-DCC6C Datasheet HTML 1Page - Advanced Crystal Technology ACTF9124-1950-DCC6C Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tel:
0044(0)118 979 1238
Fax:
0044 (0)118 979 1283
Email:
info@actcrystals.com
5. Performance
5-1. Maximum Ratings
Rating
Value
Unit
Input Power Level
P
5
dBm
DC Voltage
VDC
0
V
Operable Temperature Range
TA
-40 to +85
Storage Temperature Range
Tstg
-40 to +85
5-2. Electronic Characteristics
Characteristic
Minimum
Typical
Maximum
Unit
Center Frequency
fC
--
1950.00
--
MHz
Insertion Loss
IL
1925 …. 1975 MHz
--
2.5
3.5
dB
Absolute Attenuation
α
50 …. 1825 MHz
1825 …. 1885 MHz
2035 …. 2085 MHz
2085 …. 3700 MHz
20
30
28
20
25
35
35
25
--
--
--
--
dB
dB
dB
dB
Amplitude Ripple (p-p)
Δα
1925 …. 1975 MHz
--
1.0
1.5
dB
Input / Output Impedance
50
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
NOTE:
1.
The frequency fC is defined as the midpoint between the 3dB frequencies.
2.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is
connected to a 50Ω test system with VSWR≤1.2:1.
3.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
4.
The specifications of this device are based on the test circuit shown above and subject to change or obsolescence
without notice.
Issue 1 C1u
25/ 03/ 2008


Similar Part No. - ACTF9124-1950-DCC6C

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF9117 ACT-ACTF9117 Datasheet
513Kb / 7P
   SAW BANDPASS FILTER
ACTF9118 ACT-ACTF9118 Datasheet
237Kb / 2P
   RF filter
ACTF9118-F915TA-DCC6C ACT-ACTF9118-F915TA-DCC6C Datasheet
237Kb / 2P
   RF filter
ACTF9139 ACT-ACTF9139 Datasheet
257Kb / 2P
   RF Filter
ACTF9139-922.5-DCC6C ACT-ACTF9139-922.5-DCC6C Datasheet
257Kb / 2P
   RF Filter
More results

Similar Description - ACTF9124-1950-DCC6C

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF9038 ACT-ACTF9038 Datasheet
279Kb / 2P
   RF filter
ACTF9027 ACT-ACTF9027_10 Datasheet
152Kb / 3P
   RF filter
March 2010
ACTF8002 ACT-ACTF8002_10 Datasheet
121Kb / 3P
   RF filter
March 2010
ACTF4197 ACT-ACTF4197 Datasheet
464Kb / 5P
   RF filter
ACTF8015 ACT-ACTF8015 Datasheet
211Kb / 3P
   RF filter
SEPT 06
ACTF4042 ACT-ACTF4042 Datasheet
198Kb / 3P
   RF Filter
ACT-F9081 ACT-ACT-F9081 Datasheet
321Kb / 3P
   RF Filter
SEPT 06
ACTF4186 ACT-ACTF4186 Datasheet
219Kb / 5P
   RF Filter
ACTF3031 ACT-ACTF3031 Datasheet
216Kb / 2P
   RF Filter
ACTF5031 ACT-ACTF5031 Datasheet
310Kb / 2P
   RF filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com