Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74TVC3306DCURE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74TVC3306DCURE4
Description  DUAL VOLTAGE CLAMP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74TVC3306DCURE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74TVC3306DCURE4 Datasheet HTML 1Page - Texas Instruments SN74TVC3306DCURE4 Datasheet HTML 2Page - Texas Instruments SN74TVC3306DCURE4 Datasheet HTML 3Page - Texas Instruments SN74TVC3306DCURE4 Datasheet HTML 4Page - Texas Instruments SN74TVC3306DCURE4 Datasheet HTML 5Page - Texas Instruments SN74TVC3306DCURE4 Datasheet HTML 6Page - Texas Instruments SN74TVC3306DCURE4 Datasheet HTML 7Page - Texas Instruments SN74TVC3306DCURE4 Datasheet HTML 8Page - Texas Instruments SN74TVC3306DCURE4 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.ti.com
APPLICATION INFORMATION
150
Open-Drain
CPU Interface
Motherboard
Interface
VREF(1) = 1.5 V
GATE(1)
B1 (VBIAS)(1)
TVC3306
(1) VREF and VBIAS can be applied to any one of the pass transistors. GATE must be connected externally to VBIAS.
B3
8
7
6
5
1
2
3
4
150
200 k
B2
VDDREF = 3.3 V
VDPU = 2.5 V
A3
A2
A1
Application Operating Conditions
SN74TVC3306
DUAL VOLTAGE CLAMP
SCDS112C – MARCH 2001 – REVISED MARCH 2005
Figure 2. Typical Application Circuit
For the clamping configuration, the common GATE input must be connected to one side (An or Bn) of any one of
the pass transistors, making that the VBIAS connection of the reference transistor and the opposite side (Bn or
An) the VREF connection. When VBIAS is connected through a 200-kΩ resistor to a 3-V to 5.5-V VCC supply and
VREF is set to 0 V to VCC – 0.6 V, the output of each switch has a maximum clamp voltage equal to VREF. A filter
capacitor on VBIAS is recommended.
see Figure 2
MIN TYP(1)
MAX
UNIT
VBIAS
BIAS voltage
VREF + 0.6
2.1
5
V
VGATE
GATE voltage
VREF + 0.6
2.1
5
V
VREF
Reference voltage
0
1.5
4.4
V
VDPU
Drain pullup voltage
2.36
2.5
2.64
V
IPASS
Pass-transistor current
14
mA
IREF
Reference-transistor current
5
µA
TA
Operating free-air temperature
–40
85
°C
(1)
All typical values are at TA = 25°C.
5


Similar Part No. - SN74TVC3306DCURE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74TVC3306DCURE4 TI-SN74TVC3306DCURE4 Datasheet
225Kb / 11P
[Old version datasheet]   DUAL VOLTAGE CLAMP
More results

Similar Description - SN74TVC3306DCURE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74TVC3306 TI-SN74TVC3306_07 Datasheet
225Kb / 11P
[Old version datasheet]   DUAL VOLTAGE CLAMP
SN74TVC16222-2 TI1-SN74TVC16222-2 Datasheet
589Kb / 13P
[Old version datasheet]   DUAL VOLTAGE CLAMP
SN74TVC3306 TI1-SN74TVC3306_15 Datasheet
876Kb / 19P
[Old version datasheet]   SN74TVC3306 Dual Voltage Clamp
logo
Gaomi Xinghe Electronic...
SMF50CA GXELECTRONICS-SMF50CA Datasheet
1Mb / 6P
   Maximum Clamp Voltage
logo
Texas Instruments
SN74TVC3010 TI-SN74TVC3010 Datasheet
142Kb / 11P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A_07 Datasheet
299Kb / 18P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222-1 TI1-SN74TVC16222-1 Datasheet
763Kb / 21P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A_08 Datasheet
421Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222 TI1-SN74TVC16222 Datasheet
427Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC3010 TI-SN74TVC3010_07 Datasheet
505Kb / 19P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com