Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10181 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC10181
Description  4-Bit Arithmetic Logic Unit/Function Generator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC10181 Datasheet(HTML) 4 Page - Motorola, Inc

  MC10181 Datasheet HTML 1Page - Motorola, Inc MC10181 Datasheet HTML 2Page - Motorola, Inc MC10181 Datasheet HTML 3Page - Motorola, Inc MC10181 Datasheet HTML 4Page - Motorola, Inc MC10181 Datasheet HTML 5Page - Motorola, Inc MC10181 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC10181
MOTOROLA
MECL Data
DL122 — Rev 6
3–144
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts)
@ Test Temperature
VIHmax
VILmin
VIHAmin
VILAmax
VEE
–30
°C
–0.890
–1.890
–1.205
–1.500
–5.2
+25
°C
–0.810
–1.850
–1.105
–1.475
–5.2
+85
°C
–0.700
–1.825
–1.035
–1.440
–5.2
Pin
Under
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
(VCC)
Characteristic
Symbol
Under
Test
VIHmax
VILmin
VIHAmin
VILAmax
VEE
(VCC)
Gnd
Power Supply Drain Current
IE
12
12
1, 24
Input Current
IinH
9
10
11
13
14
15
16
17
18
19
20
21
22
23
9
10
11
13
14
15
16
17
18
19
20
21
22
23
12
12
12
12
12
12
12
12
12
12
12
12
12
12
1, 24
1, 24
1, 24
1, 24
1, 24
1, 24
1, 24
1, 24
1, 24
1, 24
1, 24
1, 24
1, 24
1, 24
Input Leakage Current
IinL
9
10
11
13
14
15
16
17
18
19
20
21
22
23
9
10
11
13
14
15
16
17
18
19
20
21
22
23
12
12
12
12
12
12
12
12
12
12
12
12
12
12
1, 24
1, 24
1, 24
1, 24
1, 24
1, 24
1, 24
1, 24
1, 24
1, 24
1, 24
1, 24
1, 24
1, 24
Output Voltage
Logic 1
VOH
*
*
*
12
1, 24
Output Voltage
Logic 0
VOL
*
*
*
12
1, 24
Threshold Voltage
Logic 1
VOHA
*
**
**
12
1, 24
Threshold Voltage
Logic 0
VOLA
*
**
**
12
1, 24
* Test all input–output combinations according to Function Table.
** For threshold level test, apply threshold input level to only one input pin at a time.
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50–ohm resistor to –2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the
same manner.


Similar Part No. - MC10181

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10186 ONSEMI-MC10186 Datasheet
108Kb / 5P
   Hex D Master-Slave Flip-Flop With Reset
1996 REV 5
MC10186 ONSEMI-MC10186 Datasheet
110Kb / 8P
   Hex D Master-Slave Flip-Flop with Reset
January, 2002 ??Rev. 7
MC10186FN ONSEMI-MC10186FN Datasheet
110Kb / 8P
   Hex D Master-Slave Flip-Flop with Reset
January, 2002 ??Rev. 7
MC10186L ONSEMI-MC10186L Datasheet
110Kb / 8P
   Hex D Master-Slave Flip-Flop with Reset
January, 2002 ??Rev. 7
MC10186P ONSEMI-MC10186P Datasheet
110Kb / 8P
   Hex D Master-Slave Flip-Flop with Reset
January, 2002 ??Rev. 7
More results

Similar Description - MC10181

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H181 ONSEMI-MC10H181 Datasheet
190Kb / 8P
   4-BIT ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
March, 2000 ??Rev. 7
logo
List of Unclassifed Man...
10190 ETC1-10190 Datasheet
129Kb / 2P
   4-BIT ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
STMicroelectronics
M74HC181 STMICROELECTRONICS-M74HC181 Datasheet
212Kb / 13P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
Texas Instruments
SN74F382 TI1-SN74F382 Datasheet
146Kb / 8P
[Old version datasheet]   ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
74ACT11181 TI1-74ACT11181 Datasheet
217Kb / 14P
[Old version datasheet]   ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
ON Semiconductor
MC10H181 ONSEMI-MC10H181_06 Datasheet
194Kb / 6P
   4?묪it Arithmetic Logic Unit/ Function Generator
June, 2006 ??Rev. 8
logo
National Semiconductor ...
DM74S381 NSC-DM74S381 Datasheet
113Kb / 4P
   DM74S381 ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
Fairchild Semiconductor
DM74LS181 FAIRCHILD-DM74LS181 Datasheet
74Kb / 7P
   4-Bit Arithmetic Logic Unit
74F381 FAIRCHILD-74F381 Datasheet
77Kb / 8P
   4-Bit Arithmetic Logic Unit
logo
Motorola, Inc
SN54LS181 MOTOROLA-SN54LS181 Datasheet
277Kb / 9P
   4-BIT ARITHMETIC LOGIC UNIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com