Electronic Components Datasheet Search |
|
S-5843AA7CB-M5T1S Datasheet(PDF) 6 Page - Seiko Instruments Inc |
|
S-5843AA7CB-M5T1S Datasheet(HTML) 6 Page - Seiko Instruments Inc |
6 / 21 page TEMPERATURE SWITCH IC (THERMOSTAT IC) S-5843A Series Rev.2.2_01 6 Absolute Maximum Ratings Table 6 (Ta = +25°C unless otherwise specified) Item Symbol Absolute Maximum Rating Unit Power supply voltage (VSS = 0 V) VDD VSS + 7.0 V Pin voltage VRT VSS − 0.3 to VDD + 0.3 V Output voltage CMOS output product VDET VSS − 0.3 to VDD + 0.3 V Nch open drain output product VSS − 0.3 to VSS + 7.0 V Output pin current IDETH 23.0 mA IDETL 9.5 mA Power dissipation SOT-23-5 PD 600*1 mW SNT-6A 400*1 mW Operating ambient temperature Topr −40 to +125 °C Storage temperature Tstg −55 to +150 °C *1. When mounted on board [Mounted board] (1) Board size: 114.3 mm × 76.2 mm × t1.6 mm (2) Board name: JEDEC STANDARD51-7 Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical damage. These values must therefore not be exceeded under any conditions. |
Similar Part No. - S-5843AA7CB-M5T1S |
|
Similar Description - S-5843AA7CB-M5T1S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |