Electronic Components Datasheet Search |
|
MAAD-007078-000100 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc. |
|
MAAD-007078-000100 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc. |
3 / 7 page Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz Rev. V5 MAAD-007078 3 3 M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support 3 Handling Procedures Please observe the following precautions to avoid damage: Static Sensitivity Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices. Moisture Sensitivity The MSL rating for this part is defined as Level 2 per IPC/JEDEC J-STD-020. Parts shall be stored and/or baked as required for MSL Level 2 parts. Truth Table (Digital Attenuator) C16 C8 C4 C2 C1 Attenuation 0 0 0 0 0 Loss, Reference 0 0 0 0 1 1.0 dB 0 0 0 1 0 2.0 dB 0 0 1 0 0 4.0 dB 0 1 0 0 0 8.0 dB 1 0 0 0 0 16.0 dB 1 1 1 1 1 31.0 dB 0 = TTL Low; 1 = TTL High VSWR @ Insertion Loss Attenuation Error, 1 dB Bit Attenuation Error, 2 dB Bit Typical Performance Curves Insertion Loss 1.0 2.0 3.0 4.0 0 1000 2000 3000 4000 Frequency (MHz) 1.00 2.00 3.00 0 1000 2000 3000 4000 Frequency (MHz) Inp ut Out p ut -0.1 0 0.1 0.2 0.3 0 1000 2000 3000 4000 Frequency (MHz) -0.1 0 0.1 0.2 0.3 0 1000 2000 3000 4000 Frequency (MHz) |
Similar Part No. - MAAD-007078-000100 |
|
Similar Description - MAAD-007078-000100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |