Electronic Components Datasheet Search |
|
MAAD-007077-0001TB Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc. |
|
MAAD-007077-0001TB Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc. |
3 / 6 page Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz Rev. V5 MAAD-007077 3 3 M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support 3 Handling Procedures Please observe the following precautions to avoid damage: Static Sensitivity Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices. Moisture Sensitivity The MSL rating for this part is defined as Level 2 per IPC/JEDEC J-STD-020. Parts shall be stored and/or baked as required for MSL Level 2 parts. Truth Table (Digital Attenuator) C8 C4 C2 C1 Attenuation 0 0 0 0 Loss, Reference 0 0 0 1 1.0 dB 0 0 1 0 2.0 dB 0 1 0 0 4.0 dB 1 0 0 0 8.0 dB 1 1 1 1 15.0 dB 0 = TTL Low; 1 = TTL High Attenuation - 1 dB Bit vs. Frequency Attenuation - 2 dB Bit vs. Frequency Attenuation - 4 dB Bit vs. Frequency Typical Performance Curves Reference Loss vs. Frequency 0.0 1.0 2.0 3.0 4.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 Frequency (GHz) 1.8 2.0 2.2 2.4 2.6 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 Frequency (GHz) 0.8 0.9 1.0 1.1 1.2 1.3 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 Frequency (GHz) 3.8 4.0 4.2 4.4 4.6 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 Frequency (GHz) 85ºC 25ºC -40ºC 85ºC 25ºC -40ºC 85ºC 25ºC -40ºC 85ºC 25ºC -40ºC |
Similar Part No. - MAAD-007077-0001TB |
|
Similar Description - MAAD-007077-0001TB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |