Electronic Components Datasheet Search |
|
MAAD-007086-000100 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc. |
|
MAAD-007086-000100 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc. |
1 / 7 page Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC - 2.0 GHz Rev. V4 MAAD-007086 1 1 M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support 1 Features Attenuation: 1 dB Steps to 50 dB Low DC Power Consumption Integral TTL Driver 50 ohm Impedance Test Boards are Available Tape and Reel Packaging Available Lead-Free SOW-24 Package 100% Matte Tin Plating over Copper Halogen-Free “Green” Mold Compound 260°C Reflow Compatible RoHS* Compliant Version of AT65-0106 Description MACOM's MAAD-007086-000100 is a GaAs FET 6-bit digital attenuator with a 1 dB minimum step size and a 50 dB total attenuation range. This device is in a SOW-24, wide body plastic surface mount package. The MAAD-007086-000100 is ideally suited for use where accuracy, fast speed, very low power consumption and low costs are required. Ordering Information Part Number Package MAAD-007086-000100 Bulk Packaging MAAD-007086-0001TR 1000 piece reel MAAD-007086-0001TB Sample Test Board Note: Reference Application Note M513 for reel size information. Schematic with Off-Chip Components Pin Configuration Pin No. Function Pin No. Function 1 GND 13 RF 2 GND 14 GND 3 GND 15 GND 4 C32 16 GND 5 C16 17 GND 6 VEE 18 GND 7 VCC 19 GND 8 C8 20 GND 9 C4 21 GND 10 C2 22 GND 11 C1 23 GND 12 GND 24 RF * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. |
Similar Part No. - MAAD-007086-000100 |
|
Similar Description - MAAD-007086-000100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |