Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-007086-0001TB Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-007086-0001TB
Description  Test Boards are Available
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-007086-0001TB Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAAD-007086-0001TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-007086-0001TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-007086-0001TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-007086-0001TB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-007086-0001TB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-007086-0001TB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-007086-0001TB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Digital Attenuator
50 dB, 6-Bit, TTL Driver, DC - 2.0 GHz
Rev. V4
MAAD-007086
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
16 dB Attenuation Variation from -40ºC to +85ºC
32 dB Attenuation Variation from -40ºC to +85ºC
Max. Attenuation Variation from -40ºC to +85ºC
Typical Performance Curves
Reference Loss VSWR (S11, S22)
1 dB VSWR (S11, S22)
8 dB Attenuation Variation from -40ºC to +85ºC
8 dB Attenuation Variation Over
Temperature
7.8
8.2
8.6
0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
16 dB Attenuation Variation Over
Tem perature
15 . 5
16 . 0
16 . 5
0 . 0
0 . 5
1. 0
1. 5
2 . 0
Frequency (GHz)
32 dB Attenuation Variation Over
Tem perature
30.0
31.0
32.0
33.0
0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
Max. Attenuation Variation Over
Temperature
46
48
50
52
54
56
0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
Loss VSWR (S11,S22)
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
S22
S11
1 dB VSWR (S11,S22)
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
S22
S11


Similar Part No. - MAAD-007086-0001TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAD-007086-0001TB MACOM-MAAD-007086-0001TB Datasheet
260Kb / 6P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC2.0 GHz
logo
M/A-COM Technology Solu...
MAAD-007086-0001TB MA-COM-MAAD-007086-0001TB Datasheet
143Kb / 6P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC-2.0 GHz
MAAD-007086-0001TB MA-COM-MAAD-007086-0001TB Datasheet
719Kb / 7P
   Digital Attenuator
More results

Similar Description - MAAD-007086-0001TB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA2200-EVALBRD AD-ADA2200-EVALBRD Datasheet
120Kb / 2P
   There are two evaluation boards available for the ADA2200
logo
Astec America, Inc
APA105-ML-001 ASTEC-APA105-ML-001 Datasheet
731Kb / 2P
   Demo Boards are available to enable users to evaluate AMPSS짰 modules.
logo
List of Unclassifed Man...
SHIELD-EKG-EMG ETC1-SHIELD-EKG-EMG Datasheet
3Mb / 20P
   All boards produced by Olimex LTD are ROHS compliant
2014
logo
MERITEK ELECTRONICS COR...
NTS3 MERITEK-NTS3 Datasheet
1Mb / 7P
   Halogen-Free (HF) series are available
logo
Molex Electronics Ltd.
0732511850 MOLEX11-0732511850 Datasheet
55Kb / 1P
   50 Ohms, Precision Test Connector, Optimized SMA Jack, Two Hole Flange, Pressure Contact for Test Boards, Tray
0732511850 MOLEX-0732511850_V01 Datasheet
48Kb / 1P
   50 Ohms, Precision Test Connector, Optimized SMA Jack, Two Hole Flange, Pressure Contact for Test Boards, Tray
logo
Maxim Integrated Produc...
MAX98050EVSYS MAXIM-MAX98050EVSYS Datasheet
2Mb / 25P
   Two MAX98050 Development Boards (DEV Boards)
319-100629; Rev 0; 11/20
logo
Intel Corporation
D820LP INTEL-D820LP Datasheet
48Kb / 17P
   Desktop Boards
logo
Suntan Capacitors
1N4148WS SUNTAN-1N4148WS Datasheet
165Kb / 3P
   These diodes are also available in other case
1N4148W SUNTAN-1N4148W Datasheet
213Kb / 3P
   These diodes are also available in other case
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com