Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-008790-000100 Datasheet(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-008790-000100
Description  Digital Attenuator, Constant Phase
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-008790-000100 Datasheet(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

  MAAD-008790-000100 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-008790-000100 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-008790-000100 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-008790-000100 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-008790-000100 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-008790-000100 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-008790-000100 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAD-008790-000100 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAD-008790-000100 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Digital Attenuator, Constant Phase
31.0 dB, 5-Bit, TTL Driver, DC - 4.0 GHz
Rev. V2
MAAD-008790
8
8
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
8
CSP-1, 4 x 6 mm, 32-lead PQFN
Reference Application Note M538 for lead-free solder reflow recommendations.


Similar Part No. - MAAD-008790-000100

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-008790-000100 MA-COM-MAAD-008790-000100 Datasheet
208Kb / 8P
   Constant Phase Digital Attenuator 32 dB, 2-Bit, TTL Driver, DC-3.0 GHz
MAAD-008790-000100 MA-COM-MAAD-008790-000100 Datasheet
209Kb / 8P
   Constant Phase Digital Attenuator 32 dB, 2-Bit, TTL Driver, DC-3.0 GHz
MAAD-008790-000100 MA-COM-MAAD-008790-000100 Datasheet
861Kb / 9P
   Digital Attenuator, Constant Phase
More results

Similar Description - MAAD-008790-000100

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-009194-000100-V2 MA-COM-MAAD-009194-000100-V2_15 Datasheet
293Kb / 8P
   Constant Phase Digital Attenuator
MAAD-009194-000100_V2 MA-COM-MAAD-009194-000100_V2 Datasheet
293Kb / 8P
   Constant Phase Digital Attenuator
MAAD-009195-000100 MA-COM-MAAD-009195-000100_15 Datasheet
218Kb / 8P
   Constant Phase Digital Attenuator
MAAD-009195-000100 MA-COM-MAAD-009195-000100 Datasheet
218Kb / 8P
   Constant Phase Digital Attenuator
MAAD-008790 MA-COM-MAAD-008790_15 Datasheet
861Kb / 9P
   Digital Attenuator, Constant Phase
MAAD-009260-000100 MA-COM-MAAD-009260-000100 Datasheet
177Kb / 6P
   Constant Phase Digital Attenuator
MAAD-009260-000100 MA-COM-MAAD-009260-000100_15 Datasheet
177Kb / 6P
   Constant Phase Digital Attenuator
MAAD-009194-000100-V2 MA-COM-MAAD-009194-000100-V2 Datasheet
293Kb / 8P
   Constant Phase Digital Attenuator
MAAD-009170-000100 MA-COM-MAAD-009170-000100 Datasheet
234Kb / 8P
   Digital Attenuator, Constant Phase 15.5 dB, 5-Bit, TTL Driver, DC-4.0 GHz
MAAD-009194-000100 MA-COM-MAAD-009194-000100 Datasheet
223Kb / 9P
   Constant Phase Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com