Electronic Components Datasheet Search |
|
MAAD-010305 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc. |
|
MAAD-010305 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc. |
1 / 6 page Digital Attenuator, 1-Bit, 15 dB, 75 Ω DC - 1.1 GHz Rev. V1 MAAD-010305 1 1 M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support 1 Features Single 15-dB Step Insertion Loss: 0.3 dB @ 1.1 GHz 75 Ω Impedance 2.5 to 5.0 Volt Operation Positive or Negative Voltage Control Lead-Free SOT-25 Package Halogen-Free “Green” Mold Compound RoHS* Compliant and 260°C Reflow Compatible Description The MAAD-010305 is a 1-bit, 15-dB step GaAs MMIC digital attenuator in a lead-free SOT-25, 5 lead surface mount plastic package. The MAAD-010305 is fabricated as a monolithic GaAs integrated circuit using a mature pHEMT process. The process features full chip passivation for performance and reliability. This device is ideally suited for use where high accuracy, very low power consumption and low intermodulation products are required. Functional Schematic Pin Configuration Pin No. Function 1 RF Input Port 2 Ground 3 RF Output Port 4 V1 5 V2 Ordering Information 1,2 Part Number Package MAAD-010305-TR1000 1000 piece reel MAAD-010305-TR3000 3000 piece reel MAAD-010305-001SMB Sample Board 5 4 1 3 2 * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1. Reference Application Note M513 for reel size information. 2. All sample boards include 5 loose parts. |
Similar Part No. - MAAD-010305 |
|
Similar Description - MAAD-010305 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |