Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-008790-0001TR Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-008790-0001TR
Description  Digital Attenuator, Constant Phase
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-008790-0001TR Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAD-008790-0001TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-008790-0001TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-008790-0001TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-008790-0001TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-008790-0001TR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-008790-0001TR Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-008790-0001TR Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAD-008790-0001TR Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAD-008790-0001TR Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Digital Attenuator, Constant Phase
31.0 dB, 5-Bit, TTL Driver, DC - 4.0 GHz
Rev. V2
MAAD-008790
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C, Z0 = 50, VCC = +5.0V, VEE = -5.0V
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Operating Power
dBm
+20
Reference Insertion Loss
DC - 2.0 GHz
2.0 - 4.0 GHz
dB
dB
5.0
5.5
Attenuation Accuracy3
Relative to Reference Loss
State
Any Single Bit
Any Combination of Bits
DC - 4.0 GHz
DC - 4.0 GHz
±(0.3 +3% of atten setting in dB)
±(0.3 +3% of atten setting in dB)
Phase Accuracy
Relative to Reference Loss
State
Any Single Bit
Any Single Bit
Any Combination of Bits
Any Combination of Bits
DC - 2.0 GHz
2.0 - 4.0 GHz
DC - 2.0 GHz
2.0 - 4.0 GHz
deg
deg
deg
deg
±3º
±5º
±5º
±9º
VSWR
Full Range
DC - 4.0 GHz
Ratio
1.8:1
Switching Speed
Ton
Toff
Trise
Tfall
1.3 V Cntl to 90% RF
1.3 V Cntl to 10% RF
10% RF to 90% RF
90% RF to 10% RF
__
__
ns
ns
ns
ns
See Table
13
See Table
3
1 dB Compression4
Reference State
Reference State
0.05 GHz
0.5 - 4.0 GHz
dBm
dBm
>+27
>+27
Input IP3
Two-tone inputs
up to +5 dBm
0.05-4.0 GHz
dBm
See Table
Input IP2
Two-tone inputs
up to +5 dBm
0.05-4.0 GHz
dBm
See Table
Vcc
Vee
V
V
4.5
-8.0
5.0
-5.0
5.5
-4.5
VIL
VIH
LOW-level input voltage
HIGH-level input voltage
V
V
0.0
2.0
0.0
5.0
0.8
5.0
lin (Input Leakage Current)
Vin = VCC or GND
uA
-1
1
Icc
(Quiescent Supply Current)
Vcntrl = VCC or GND
uA
250
400
ΔIcc
(Additional Supply Current Per
TTL Input Pin)
VCC = Max
Vcntrl = VCC - 2.1 V
mA
1.5
IEE
VEE min to max
Vin = VIL or VIH
mA
-1.0
-0.2
Thermal Resistance θjc
°C/W
35
3.
This attenuator is guaranteed monotonic.
4.
1 dB Compression was measured up to +27 dBm, which is the absolute maximum rating for this device.


Similar Part No. - MAAD-008790-0001TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-008790-0001TR MA-COM-MAAD-008790-0001TR Datasheet
208Kb / 8P
   Constant Phase Digital Attenuator 32 dB, 2-Bit, TTL Driver, DC-3.0 GHz
MAAD-008790-0001TR MA-COM-MAAD-008790-0001TR Datasheet
861Kb / 9P
   Digital Attenuator, Constant Phase
More results

Similar Description - MAAD-008790-0001TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-009194-000100-V2 MA-COM-MAAD-009194-000100-V2_15 Datasheet
293Kb / 8P
   Constant Phase Digital Attenuator
MAAD-009194-000100_V2 MA-COM-MAAD-009194-000100_V2 Datasheet
293Kb / 8P
   Constant Phase Digital Attenuator
MAAD-009195-000100 MA-COM-MAAD-009195-000100_15 Datasheet
218Kb / 8P
   Constant Phase Digital Attenuator
MAAD-009195-000100 MA-COM-MAAD-009195-000100 Datasheet
218Kb / 8P
   Constant Phase Digital Attenuator
MAAD-008790 MA-COM-MAAD-008790_15 Datasheet
861Kb / 9P
   Digital Attenuator, Constant Phase
MAAD-009260-000100 MA-COM-MAAD-009260-000100 Datasheet
177Kb / 6P
   Constant Phase Digital Attenuator
MAAD-009260-000100 MA-COM-MAAD-009260-000100_15 Datasheet
177Kb / 6P
   Constant Phase Digital Attenuator
MAAD-009194-000100-V2 MA-COM-MAAD-009194-000100-V2 Datasheet
293Kb / 8P
   Constant Phase Digital Attenuator
MAAD-009170-000100 MA-COM-MAAD-009170-000100 Datasheet
234Kb / 8P
   Digital Attenuator, Constant Phase 15.5 dB, 5-Bit, TTL Driver, DC-4.0 GHz
MAAD-009194-000100 MA-COM-MAAD-009194-000100 Datasheet
223Kb / 9P
   Constant Phase Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com