Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-010305-TR1000 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-010305-TR1000
Description  Positive or Negative Voltage Control
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-010305-TR1000 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MAAD-010305-TR1000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-010305-TR1000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-010305-TR1000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-010305-TR1000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-010305-TR1000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-010305-TR1000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Digital Attenuator, 1-Bit, 15 dB, 75 Ω
DC - 1.1 GHz
Rev. V1
MAAD-010305
5
5
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
5
Lead-Free SOT-25
† Reference Application Note M538 for lead-free solder reflow recommendations.
Plating is 100% matte tin over copper.


Similar Part No. - MAAD-010305-TR1000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-010305-TR1000 MA-COM-MAAD-010305-TR1000 Datasheet
688Kb / 6P
   Positive or Negative Voltage Control
More results

Similar Description - MAAD-010305-TR1000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-010305 MA-COM-MAAD-010305_15 Datasheet
688Kb / 6P
   Positive or Negative Voltage Control
logo
Analog Devices
ADP7182 AD-ADP7182 Datasheet
995Kb / 31P
   Positive or negative enable logic
logo
Anaren Microwave
MSK5000 ANAREN-MSK5000 Datasheet
780Kb / 7P
   DUAL POSITIVE/NEGATIVE, DUAL POSITIVE/NEGATIVE, FIXED VOLTAGE REGULATORS
logo
Linear Technology
LTC2910 LINER-LTC2910 Datasheet
225Kb / 16P
   Octal Positive/Negative Voltage Monitor
LTC2910 LINER-LTC2910_15 Datasheet
531Kb / 16P
   Octal Positive/Negative Voltage Monitor
logo
New Japan Radio
NJM2839 NJRC-NJM2839 Datasheet
131Kb / 9P
   POSITIVE/NEGATIVE 2CH LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
OM7505S ETC-OM7505S Datasheet
36Kb / 5P
   DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
logo
Advanced Analog Technol...
AAT3190 AAT-AAT3190 Datasheet
425Kb / 16P
   Positive/Negative Charge Pump for Voltage Bias
logo
List of Unclassifed Man...
OM7500SC ETC-OM7500SC Datasheet
52Kb / 5P
   DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
logo
Advanced Analogic Techn...
AAT3190 ANALOGICTECH-AAT3190 Datasheet
411Kb / 16P
   Positive/Negative Charge Pump for Voltage Bias
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com