Electronic Components Datasheet Search |
|
MAAL-011129 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc. |
|
MAAL-011129 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc. |
3 / 8 page Low Noise Amplifier 18 - 31.5 GHz Preliminary - Rev. V1P MAAL-011129 3 PRELIMINARY: Data Sheets contain information regarding a product MACOM has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed. MACOM Technology Solutions Inc. (MACOM ) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. For further information and support please visit: https://www.macom.com/support Application Schematic Parts List Evaluation Board Grounding It is recommended that the total ground (common mode) inductance not exceed 0.03 nH (30 pH). This is equivalent to at least four 8 mil (200 µ) vias per 8 mil board (200 µ) be place under the device to ground. Des Value Size Part Number Purpose C1 C2 0.01 µF 0201 Murata GRM033R70J103KA01D Bypass RB See chart 0201 various Bias Resistor VDD = 3.3 V VDD = 5 V RB (Ω) IDD (mA) RB (Ω) IDD (mA) Open 15 Open 25 200 50 200 80 400 40 400 70 1k 30 1k 50 2k 25 2k 40 GND 1 GND 2 Application Information The MAAL-011129 is designed to be easy to use yet provide high performance. The ultra small size, no matching, and simple bias application allows easy placement on system boards. Single-Supply Operation With a single supply and pin 4 (VBIAS) left open the amplifier will default to power down mode. Connecting VDD to VBIAS using an external resistor RB enables single-supply operation of the amplifier, and the value of external resistor RB sets the desired current IDD. The following table shows drain current (IDD) versus external resistor (RB) values for VDD voltages of 5 V and 3.3 V: PCB Information |
Similar Part No. - MAAL-011129 |
|
Similar Description - MAAL-011129 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |