Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-011129-000PPR Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-011129-000PPR
Description  Low Noise Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-011129-000PPR Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

  MAAL-011129-000PPR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAL-011129-000PPR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-011129-000PPR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-011129-000PPR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-011129-000PPR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-011129-000PPR Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-011129-000PPR Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAL-011129-000PPR Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Low Noise Amplifier
18 - 31.5 GHz
Preliminary - Rev. V1P
MAAL-011129
7
PRELIMINARY: Data Sheets contain information regarding a product MACOM has under development. Performance is based on engineering tests. Specifications are typical.
Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed.
MACOM Technology Solutions Inc. (MACOM ) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
For further information and support please visit:
https://www.macom.com/support
Reference Application Note S2083 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level1 requirements.
Plating is NiPdAuAg over copper.
Lead Free 2 mm 8 Lead PDFN Package


Similar Part No. - MAAL-011129-000PPR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-011111 MA-COM-MAAL-011111 Datasheet
645Kb / 7P
   Low Noise Amplifier
MAAL-011111-000SMB MA-COM-MAAL-011111-000SMB Datasheet
645Kb / 7P
   Low Noise Amplifier
MAAL-011111-TR0500 MA-COM-MAAL-011111-TR0500 Datasheet
645Kb / 7P
   Low Noise Amplifier
MAAL-011111-TR1000 MA-COM-MAAL-011111-TR1000 Datasheet
645Kb / 7P
   Low Noise Amplifier
MAAL-011119 MA-COM-MAAL-011119 Datasheet
953Kb / 8P
   Satellite TV Amplifier
More results

Similar Description - MAAL-011129-000PPR

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com