Electronic Components Datasheet Search |
|
MAAL-011129-SMBPPR Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc. |
|
MAAL-011129-SMBPPR Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc. |
1 / 8 page Low Noise Amplifier 18 - 31.5 GHz Preliminary - Rev. V1P MAAL-011129 1 PRELIMINARY: Data Sheets contain information regarding a product MACOM has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed. MACOM Technology Solutions Inc. (MACOM ) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. For further information and support please visit: https://www.macom.com/support Features Noise Figure: 2.5 dB @ 24 GHz High Gain: 23 dB @ 24 GHz High Linearity: 25 dBm OIP3 @ 24 GHz 50 Ω match on input and output Single Voltage Bias: 3 V to 5 V range Integrated Active Bias Circuit Current adjustable from 1mA - 80mA Lead-Free 2x2 mm 8-LD PDFN Package Halogen-Free “Green” Mold Compound RoHS Complaint Reflow compatible Description The MAAL-011129 is an easy-to-use three stage low noise amplifier with high gain and broadband 50 Ω match. It is designed for operation from 18 to 31.5 GHz and housed in a lead-free 2x2 mm 8-lead PDFN plastic package. The MAAL-011129 has an integrated active bias circuit and bias tee to allow direct connection to VDD without external chokes or DC blocks. The bias current is set by a simple external resistor RB, so the user can customize the power consumption. When VBIAS = 0 V, the device can be placed in power down mode. The MAAL-011129 offers a surface-mount , easy-to- use, low noise amplifier solution that is well suited to diverse receiver applications such as VSAT, Point-to -Point and 24 GHz ISM. Ordering Information1,2 * Restrictions on Hazardous Substances, European Union Directive 2011/65/EU. 1. Reference Application Note M513 for reel size information. 2. All sample boards include 3 loose parts. Functional Schematic Pin Configuration3,4 3. MACOM recommends connecting unused package pins to ground. 4. The exposed pad centered on the package bottom must be connected to RF, DC and thermal ground. MAAL-011129-000PPR Bulk MAAL-011129-SMBPPR Sample Board 1 GND Ground 2 RFIN RF Input 3 GND Ground 4 VBIAS Bias Control Voltage 5 VDD Drain Voltage 6 GND Ground 7 RFOUT RF Output 8 GND Ground Paddle RF + DC Ground |
Similar Part No. - MAAL-011129-SMBPPR |
|
Similar Description - MAAL-011129-SMBPPR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |