Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-011129-SMBPPR Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-011129-SMBPPR
Description  Low Noise Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-011129-SMBPPR Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAL-011129-SMBPPR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAL-011129-SMBPPR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-011129-SMBPPR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-011129-SMBPPR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-011129-SMBPPR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-011129-SMBPPR Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-011129-SMBPPR Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAL-011129-SMBPPR Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Low Noise Amplifier
18 - 31.5 GHz
Preliminary - Rev. V1P
MAAL-011129
2
PRELIMINARY: Data Sheets contain information regarding a product MACOM has under development. Performance is based on engineering tests. Specifications are typical.
Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed.
MACOM Technology Solutions Inc. (MACOM ) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
For further information and support please visit:
https://www.macom.com/support
Electrical Specifications: Freq. = 24 GHz, TA = 25°C, VDD = 5 V, Z0 = 50 Ω, RB = 1 kΩ
Noise Figure
dB
2.5
Gain
dB
22.6
PIN = -20 dBm
Input Return Loss
dB
-13
PIN = -20 dBm
Output Return Loss
dB
-13
PIN = -20 dBm
Output IP3
dBm
25
PIN = -22 dBm/tone, RB = 400 Ω, 70 mA
(10 MHz Tone Space)
Output P1dB
dBm
16
RB = 400 Ω, 70 mA
Isolation
dB
45
PIN = -20 dBm
Voltage Supply
V
5
Total Current
mA
50
VDD = 5V
Absolute Maximum Ratings5,6
Input Power
15 dBm
Operating Voltage
6 V
Junction Temperature7,8
+150°C
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
5. Exceeding any one or combination of these limits may cause
permanent damage to this device.
6. MACOM does not recommend sustained operation near these
survivability limits.
7. Operating at nominal conditions with TJ ≤ +150°C will ensure
MTTF > 1 x 106 hours.
8. Junction Temperature (TJ) = TC + Өjc * (V * I)
Typical thermal resistance (Өjc) = 83 °C/W.
a) TC = +25°C,
TJ = 51°C @ 5 V, 50 mA
b) TC = +85°C,
TJ = 110°C @ 5 V, 50 mA
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
These
electronic
devices
are
sensitive
to
electrostatic discharge (ESD) and can be damaged
by static electricity. Proper ESD control techniques
should be used when handling these devices.


Similar Part No. - MAAL-011129-SMBPPR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-011111 MA-COM-MAAL-011111 Datasheet
645Kb / 7P
   Low Noise Amplifier
MAAL-011111-000SMB MA-COM-MAAL-011111-000SMB Datasheet
645Kb / 7P
   Low Noise Amplifier
MAAL-011111-TR0500 MA-COM-MAAL-011111-TR0500 Datasheet
645Kb / 7P
   Low Noise Amplifier
MAAL-011111-TR1000 MA-COM-MAAL-011111-TR1000 Datasheet
645Kb / 7P
   Low Noise Amplifier
MAAL-011119 MA-COM-MAAL-011119 Datasheet
953Kb / 8P
   Satellite TV Amplifier
More results

Similar Description - MAAL-011129-SMBPPR

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com