Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-011130 Datasheet(PDF) 10 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-011130
Description  Broadband Low Noise Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-011130 Datasheet(HTML) 10 Page - M/A-COM Technology Solutions, Inc.

Back Button MAAL-011130 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-011130 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-011130 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-011130 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAL-011130 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAL-011130 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAAL-011130 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MAAL-011130 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. MAAL-011130 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Broadband Low Noise Amplifier
2 - 18 GHz
Preliminary - Rev. V1P
MAAL-011130
10
PRELIMINARY: Data Sheets contain information regarding a product MACOM has under development. Performance is based on engineering tests. Specifications are typical. Mechanical
outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed.
MACOM Technology Solutions Inc. (MACOM ) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
For further information and support please visit: https://www.macom.com/support
DC-0010873
Typical P1dB and P3dB Curves VDD = 3.3 V
P1dB @ VDD = 3.3 V, VB = 0.8 V
P1dB @ TA = 25°C, VDD = 3.3 V
P3dB @ TA = 25°C, VDD = 3.3 V
P3dB @ VDD = 3.3 V, VB = 0.8 V
8
10
12
14
16
18
0
5
10
15
20
+25°C
-40°C
+85°C
Frequency (GHz)
8
10
12
14
16
18
0
5
10
15
20
+25°C
-40°C
+85°C
Frequency (GHz)
8
10
12
14
16
18
0
5
10
15
20
Vb = 1.0 V
Vb = 0.9 V
Vb = 0.8 V
Vb = 0.7 V
Vb = 0.6 V
Frequency (GHz)
8
10
12
14
16
18
0
5
10
15
20
Vb = 1.0 V
Vb = 0.9 V
Vb = 0.8 V
Vb = 0.7 V
Vb = 0.6 V
Frequency (GHz)


Similar Part No. - MAAL-011130

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-011134 MA-COM-MAAL-011134 Datasheet
1Mb / 15P
   Low Noise Amplifier
MAAL-011134-1SMB MA-COM-MAAL-011134-1SMB Datasheet
1Mb / 15P
   Low Noise Amplifier
MAAL-011134-2SMB MA-COM-MAAL-011134-2SMB Datasheet
1Mb / 15P
   Low Noise Amplifier
MAAL-011134-TR3000 MA-COM-MAAL-011134-TR3000 Datasheet
1Mb / 15P
   Low Noise Amplifier
MAAL-011136 MA-COM-MAAL-011136 Datasheet
1Mb / 9P
   Low Distortion Performance
More results

Similar Description - MAAL-011130

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2884 RFMD-RF2884 Datasheet
121Kb / 6P
   BROADBAND LOW NOISE AMPLIFIER
logo
Maxim Integrated Produc...
MAX3524 MAXIM-MAX3524 Datasheet
176Kb / 7P
   Low-Noise, High-Linearity Broadband Amplifier
Rev 2; 6/05
logo
Marki Microwave
APM-6848 MARKIMICROWAVE-APM-6848 Datasheet
1Mb / 15P
   GaAs Broadband Low Phase Noise Amplifier
APM-6849 MARKIMICROWAVE-APM-6849 Datasheet
1Mb / 14P
   GaAs Broadband Low Phase Noise Amplifier
logo
HBH Microwave GmbH
HA6003 HBH-HA6003 Datasheet
20Kb / 1P
   6 - 13 GHz Broadband Low Noise Amplifier
logo
Infineon Technologies A...
BGB741L7ESD INFINEON-BGB741L7ESD_12 Datasheet
1Mb / 22P
   Robust Low Noise Broadband RF Amplifier MMIC
Revision 2.0, 2012-09-10
logo
Tyco Electronics
MAALSS0024 MACOM-MAALSS0024 Datasheet
260Kb / 4P
   Broadband Low Noise Amplifier 1.7 - 2.1 GHz
logo
RF Micro Devices
RF2860 RFMD-RF2860 Datasheet
191Kb / 12P
   PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
logo
Skyworks Solutions Inc.
SKYA21051 SKYWORKS-SKYA21051 Datasheet
4Mb / 22P
   200 to 6000 MHz Broadband Low-Noise Amplifier
logo
RF Micro Devices
RF2860 RFMD-RF2860_1 Datasheet
430Kb / 20P
   PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com