Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-011134-TR3000 Datasheet(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-011134-TR3000
Description  Low Noise Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-011134-TR3000 Datasheet(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

Back Button MAAL-011134-TR3000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-011134-TR3000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-011134-TR3000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAL-011134-TR3000 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAL-011134-TR3000 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAAL-011134-TR3000 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MAAL-011134-TR3000 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. MAAL-011134-TR3000 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. MAAL-011134-TR3000 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Low Noise Amplifier
2.4 GHz and 5.8 GHz
Rev. V3
MAAL-011134
9
9
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
9
Applications Section 1: 5 - 6 GHz
The MAAL-011134 is designed to work as a low
noise gain block over a wide range of frequencies in
a 50 Ω environment.
Input and output can be tuned to improve
performance over a specific frequency band.
The evaluation board shown has been designed for
tuning flexibility. The parts list on page 10 details
the components needed to tune the MAAL-011134
for operation from 5 - 6 GHz. R1 or R2 may be used
as RBIAS according to the biasing option chosen.
Evaluation Board, 5 - 6 GHz11
Schematic, 5 - 6 GHz
J1
C1
C2
R4
R3
RFOUT
RFIN
VDD
2
7
C3
DNP
L2
DNP
R2
R1
C8
C5
C6
C7
J2
L1
VDD
VBIAS
GND
GND
7
1
3
5
9
8
2
4
6
10
J3
VBIAS
11.MACOM recommends placing components exactly as shown
in the Evaluation Board, 5 - 6 GHz drawing.


Similar Part No. - MAAL-011134-TR3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-011130 MA-COM-MAAL-011130 Datasheet
1Mb / 12P
   Broadband Low Noise Amplifier
MAAL-011130-000PPR MA-COM-MAAL-011130-000PPR Datasheet
1Mb / 12P
   Broadband Low Noise Amplifier
MAAL-011130-SMBPPR MA-COM-MAAL-011130-SMBPPR Datasheet
1Mb / 12P
   Broadband Low Noise Amplifier
MAAL-011136 MA-COM-MAAL-011136 Datasheet
1Mb / 9P
   Low Distortion Performance
MAAL-011136-001SMB MA-COM-MAAL-011136-001SMB Datasheet
1Mb / 9P
   Low Distortion Performance
More results

Similar Description - MAAL-011134-TR3000

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com