Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-011134-TR3000 Datasheet(PDF) 10 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-011134-TR3000
Description  Low Noise Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-011134-TR3000 Datasheet(HTML) 10 Page - M/A-COM Technology Solutions, Inc.

Back Button MAAL-011134-TR3000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-011134-TR3000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAL-011134-TR3000 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAL-011134-TR3000 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAAL-011134-TR3000 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MAAL-011134-TR3000 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. MAAL-011134-TR3000 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. MAAL-011134-TR3000 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. MAAL-011134-TR3000 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Low Noise Amplifier
2.4 GHz and 5.8 GHz
Rev. V3
MAAL-011134
10
10
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
10
Parts List, 5 - 6 GHz
Component
Value
Size
Manufacturer
C1
0.3 pF
0201
Johansson Technology
250R05L0R3BV4S
C2
1.8 pF
0201
Johansson Technology
250R05L1R8BV4S
C3
15 pF
0201
Johansson Technology
250R05L150JV4S
C6
47 pF
0201
Murata
GRM0335C1E470JA01
C5
1000 pF
0201
Murata
GRM033R71E102KA01D
C7, C8
0.1 µF
0402
Murata
GRM155R71C104K
L1
1.2 nH
0201
Johansson Technology
L-05C1N2SV4S
L2
2.7 nH
0201
Johansson Technology
L-05C2N7SV4S
R1, R212
470 Ω
0402
YAGEO
RC0402FR-07470RL
R3, R4
0 Ω
0201
Bourns Electronics
CR0201-J/-000GLF
13.Typical performance, including board and connector losses, of the evaluation board with components shown in the 5 - 6 GHz parts list.
Electrical Specifications13: Freq. = 5.5 GHz, TA = +25°C
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Noise Figure
dB
1.1
Gain
dB
17.4
Input Return Loss
dB
13
Output Return Loss
dB
10
Output IP3
PIN = -22 dBm per tone, 11 MHz spacing
dBm
34
Current
IDD + IBIAS
mA
50
Voltage
V
3 to 5
Applications Section 1: 5 - 6 GHz
12.Use R1 or R2 as RBIAS according to the biasing option chosen (see biasing options on page 3).


Similar Part No. - MAAL-011134-TR3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-011130 MA-COM-MAAL-011130 Datasheet
1Mb / 12P
   Broadband Low Noise Amplifier
MAAL-011130-000PPR MA-COM-MAAL-011130-000PPR Datasheet
1Mb / 12P
   Broadband Low Noise Amplifier
MAAL-011130-SMBPPR MA-COM-MAAL-011130-SMBPPR Datasheet
1Mb / 12P
   Broadband Low Noise Amplifier
MAAL-011136 MA-COM-MAAL-011136 Datasheet
1Mb / 9P
   Low Distortion Performance
MAAL-011136-001SMB MA-COM-MAAL-011136-001SMB Datasheet
1Mb / 9P
   Low Distortion Performance
More results

Similar Description - MAAL-011134-TR3000

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com