Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-011136 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-011136
Description  Low Distortion Performance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-011136 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAL-011136 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAL-011136 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-011136 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-011136 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-011136 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-011136 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-011136 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAL-011136 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAL-011136 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
75 Ω CATV, FTTx Low Noise Amplifier
45 - 1218 MHz
Rev. V1
MAAL-011136
2
2
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C, VDD = 5 V, Z0 = 75 Ω
Absolute Maximum Ratings3,4,5,6
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. MACOM does not recommend sustained operation near these
survivability limits.
5. These operating conditions will ensure MTTF > 1 x 106 hours.
6. Junction Temperature (TJ) = Case Temperature (TC) + Өjc*(V*I)
Typical thermal resistance (ӨJC) = 67°C/W.
a) For TC = 25°C,
TJ = 42°C @ 5 V, 53 mA
b) For TC = 85°C,
TJ = 103°C @ 5 V, 53 mA
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Integrated Circuits are sensitive to electrostatic
discharge (ESD) and can be damaged by static
electricity. Proper ESD control techniques should
be used when handling these HBM Class 1A.
Parameter
Absolute Maximum
Input Power
10 dBm
Operating Voltage
6 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
45 - 1218 MHz
dB
19
20.5
22
Gain Flatness
45 - 1218 MHz
dB
+/- 0.2
Reverse Isolation
45 - 1218 MHz
dB
25
Input Return Loss
45 - 1218 MHz
dB
10
Output Return Loss
45 - 1218 MHz
dB
16
Noise Figure
45 - 1218 MHz
1218 MHz
dB
1.2
1.2
1.6
Output IP2
45 - 1200 MHz, tone spacing 6 MHz,
POUT per tone = 4 dBm
dBm
43
Output IP3
45 - 1200 MHz, tone spacing 6 MHz,
POUT per tone = 4 dBm
dBm
32
P1dB
45 - 1218 MHz
dBm
17.5
Composite Triple Beat, CTB
79 channels, 0 dB Tilt, 18 dBmV per
channel output, QAM to 1000 MHz
dBc
-79
Composite Second Order, CSO
79 channels, 0 dB Tilt, 18 dBmV per
channel output, QAM to 1000 MHz
dBc
-62
IDD
VDD = 5 V
mA
53
62


Similar Part No. - MAAL-011136

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-011130 MA-COM-MAAL-011130 Datasheet
1Mb / 12P
   Broadband Low Noise Amplifier
MAAL-011130-000PPR MA-COM-MAAL-011130-000PPR Datasheet
1Mb / 12P
   Broadband Low Noise Amplifier
MAAL-011130-SMBPPR MA-COM-MAAL-011130-SMBPPR Datasheet
1Mb / 12P
   Broadband Low Noise Amplifier
MAAL-011134 MA-COM-MAAL-011134 Datasheet
1Mb / 15P
   Low Noise Amplifier
MAAL-011134-1SMB MA-COM-MAAL-011134-1SMB Datasheet
1Mb / 15P
   Low Noise Amplifier
More results

Similar Description - MAAL-011136

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-011220 MA-COM-MAAM-011220 Datasheet
1Mb / 10P
   Low Distortion Performance
MAAM-011163 MA-COM-MAAM-011163 Datasheet
1Mb / 9P
   Low Distortion Performance
MAAM-011162 MA-COM-MAAM-011162 Datasheet
1Mb / 10P
   Low Distortion Performance
logo
Intersil Corporation
HFA1110883 INTERSIL-HFA1110883 Datasheet
104Kb / 13P
   750MHz, Low Distortion 750MHz, Low Distortion
logo
MOSA ELECTRONICS
MS6309 MOSA-MS6309 Datasheet
1,007Kb / 9P
   Low distortion
logo
IK Semicon Co., Ltd
KL2822M IKSEMICON-KL2822M Datasheet
300Kb / 10P
   Low Crossover Distortion
logo
Toshiba Semiconductor
TIM4450-60SL TOSHIBA-TIM4450-60SL Datasheet
80Kb / 4P
   LOW INTERMODULATION DISTORTION
logo
Analog Devices
AD831 AD-AD831 Datasheet
225Kb / 16P
   Low Distortion Mixer
REV. B
AD831APZ AD-AD831APZ Datasheet
436Kb / 16P
   Low Distortion Mixer
REV. C
logo
CML Microcircuits
FX315 CMLMICRO-FX315 Datasheet
226Kb / 8P
   low distortion sinwave output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com