Electronic Components Datasheet Search |
|
MAAL-011134-2SMB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc. |
|
MAAL-011134-2SMB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc. |
1 / 15 page Low Noise Amplifier 2.4 GHz and 5.8 GHz Rev. V3 MAAL-011134 1 1 MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support 1 Functional Block Diagram Features Low Noise Figure: 0.9 dB @ 5.8 GHz High Gain: 17.7 dB @ 5.8 GHz High Linearity OIP3: 34 dBm @ 5.5 GHz Single Voltage Bias: 3 - 5 V Integrated Active Bias Circuit Current Adjustable 30 - 80 mA Fast Switching Speed: <200 ns Lead-Free 2 mm 8-LD PDFN Package Halogen-Free “Green” Mold Compound RoHS* Compliant Description The MAAL-011134 is a high dynamic range, single stage MMIC LNA assembled in a lead-free 2 mm 8-LD PDFN plastic package. This amplifier has ultra low noise figure, high gain and excellent linearity. In the 50 Ω environment and at 3 V, this device offers less than 0.5 dB noise figure at 2.4 GHz, with 24 dB of gain and over 33 dBm OIP3. This low noise amplifier has an integrated active bias circuit allowing direct connection to 3 V or 5 V bias and minimizing variations over temperature and process. The bias current is set by an external resistor, so the user can customize the power consumption to fit the application. VBIAS can be utilized as an enable pin to power the device up and down during operation. This MAAL-011134 is ideally suited for 802.11 multimode applications at 2.4 GHz and 5.8 GHz. The high gain, low noise figure and fast switching speed make it ideal for 4 x 4 MIMO 802.11ac applications. *Restrictions on Hazardous Substances, European Union Directive 2011/65/EU. Pin Configuration3 Pin No. Pin Name Description 1 N/C No Connection 2 RFIN RF Input 3 N/C No Connection 4 N/C No Connection 5 VBIAS Bias Voltage 6 N/C No Connection 7 RFOUT / VDD RF Output / Drain Voltage 8 N/C No Connection 9 Pad4 Ground Part Number Package MAAL-011134-TR3000 3000 piece reel MAAL-011134-1SMB Sample Board 5 - 6 GHz MAAL-011134-2SMB Sample Board 2.4 GHz Ordering Information1,2 1. Reference Application Note M513 for reel size information. 2. All sample boards include 5 loose parts. N/C N/C N/C RFIN N/C VBIAS RFOUT / VDD 1 N/C 8 7 6 5 2 3 4 BIAS 3. MACOM recommends connecting all No Connection (N/C) pins to ground. 4. The exposed pad centered on the package bottom must be connected to RF, DC and thermal ground. |
Similar Part No. - MAAL-011134-2SMB |
|
Similar Description - MAAL-011134-2SMB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |