Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-011134-2SMB Datasheet(PDF) 11 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-011134-2SMB
Description  Low Noise Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-011134-2SMB Datasheet(HTML) 11 Page - M/A-COM Technology Solutions, Inc.

Back Button MAAL-011134-2SMB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAL-011134-2SMB Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAL-011134-2SMB Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAAL-011134-2SMB Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MAAL-011134-2SMB Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. MAAL-011134-2SMB Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. MAAL-011134-2SMB Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. MAAL-011134-2SMB Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. MAAL-011134-2SMB Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Low Noise Amplifier
2.4 GHz and 5.8 GHz
Rev. V3
MAAL-011134
11
11
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
11
Gain
Output Return Loss
Input Return Loss
Applications Section 1: 5 - 6 GHz
Typical Performance Curves @ 3 V, 5 - 6 GHz Applications Circuit
Reverse Isolation
15
16
17
18
19
20
5.0
5.2
5.4
5.6
5.8
6.0
+25°C
-40°C
+85°C
Frequency (GHz)
-60
-50
-40
-30
-20
-10
5.0
5.2
5.4
5.6
5.8
6.0
+25°C
-40°C
+85°C
Frequency (GHz)
-40
-30
-20
-10
0
5.0
5.2
5.4
5.6
5.8
6.0
+25°C
-40°C
+85°C
Frequency (GHz)
-40
-30
-20
-10
0
5.0
5.2
5.4
5.6
5.8
6.0
+25°C
-40°C
+85°C
Frequency (GHz)
Output IP3 @ 5.5 GHz over bias
Noise Figure @ +25°C
0.0
0.2
0.4
0.6
0.8
1.0
5.0
5.2
5.4
5.6
5.8
6.0
Frequency (GHz)
29
30
31
32
33
34
35
25
30
35
40
45
50
55
60
3.0 V, +25°C
Current (mA)


Similar Part No. - MAAL-011134-2SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-011130 MA-COM-MAAL-011130 Datasheet
1Mb / 12P
   Broadband Low Noise Amplifier
MAAL-011130-000PPR MA-COM-MAAL-011130-000PPR Datasheet
1Mb / 12P
   Broadband Low Noise Amplifier
MAAL-011130-SMBPPR MA-COM-MAAL-011130-SMBPPR Datasheet
1Mb / 12P
   Broadband Low Noise Amplifier
MAAL-011136 MA-COM-MAAL-011136 Datasheet
1Mb / 9P
   Low Distortion Performance
MAAL-011136-001SMB MA-COM-MAAL-011136-001SMB Datasheet
1Mb / 9P
   Low Distortion Performance
More results

Similar Description - MAAL-011134-2SMB

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com