Electronic Components Datasheet Search |
|
MAAL-011134-2SMB Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc. |
|
MAAL-011134-2SMB Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc. |
2 / 15 page Low Noise Amplifier 2.4 GHz and 5.8 GHz Rev. V3 MAAL-011134 2 2 MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support 2 Electrical Specifications: Freq = 5.8 GHz, VDD = 3 V, +25ºC, Z0 = 50 Ω, VBIAS = 2.3 V 5 Parameter Test Conditions Units Min. Typ. Max. Noise Figure — dB — 0.85 1.30 Gain6 — dB 13 15 — Input Return Loss6 — dB — 7 — Output Return Loss6 — dB — 5.5 — Output IP36 PIN = -22 dBm per tone, 11 MHz spacing dBm — 28 — Output P1dB — dBm — 15 — Current IDD IBIAS mA — 60 1.5 80 — 5. Refer to biasing options. 6. Performance can be optimized using the 5 - 6 GHz circuit provided in the applications section. Parameter Absolute Maximum RF Input Power CW 18 dBm VDD 6 V VBIAS 5 V Storage Temperature -55ºC to +150ºC Operating Temperature -40ºC to +85ºC Junction Temperature10 +150ºC Absolute Maximum Ratings7,8,9 Handling Procedures Please observe the following precautions to avoid damage: Static Sensitivity Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices. 7. Exceeding any one or combination of these limits may cause permanent damage to this device. 8. MACOM does not recommend sustained operation near these survivability limits. 9. Operating at nominal conditions with TJ ≤ 150°C will ensure MTTF > 1 x 106 hours. 10.Junction Temperature (TJ) = TC + ӨJC * ((V * I) - (POUT - PIN)) Typical thermal resistance (ӨJC) = 83°C/W a) For TC = +25°C, TJ = 37°C @ 3 V, 0.06 A, POUT = 15 dBm, PIN = +1 dBm b) For TC = +85°C, TJ = 97°C @ 3 V, 0.06 A, POUT = 15 dBm, PIN = +1 dBm |
Similar Part No. - MAAL-011134-2SMB |
|
Similar Description - MAAL-011134-2SMB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |