Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAM-011229 Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-011229
Description  Power Down Option
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-011229 Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

Back Button MAAM-011229 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-011229 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-011229 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-011229 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM-011229 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAM-011229 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAM-011229 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAAM-011229 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MAAM-011229 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Broadband Low Noise Amplifier
0.05 - 4 GHz
Rev. V1
MAAM-011229
7
7
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DC-0011111
7
Typical Performance Curves @ 3 V / 60 mA, Z0 = 50 Ω,
Gain to 4 GHz
Gain to 8 GHz
Output Return Loss
Noise Figure
Reverse Isolation
Input Return Loss


Similar Part No. - MAAM-011229

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-011220 MA-COM-MAAM-011220 Datasheet
1Mb / 10P
   Low Distortion Performance
MAAM-011220-001SMB MA-COM-MAAM-011220-001SMB Datasheet
1Mb / 10P
   Low Distortion Performance
MAAM-011220-TR1000 MA-COM-MAAM-011220-TR1000 Datasheet
1Mb / 10P
   Low Distortion Performance
MAAM-011220-TR3000 MA-COM-MAAM-011220-TR3000 Datasheet
1Mb / 10P
   Low Distortion Performance
More results

Similar Description - MAAM-011229

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9838 AD-AD9838 Datasheet
620Kb / 32P
   11 mW Power, 2.3 V to 5.5 V, Complete DDS Power-down option
REV. A
logo
Willow Technologies Ltd
DA30-P736 WILLOW-DA30-P736 Datasheet
327Kb / 2P
   power relay with PCB option
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-M0XX AVAGO-ASMT-M0XX Datasheet
356Kb / 5P
   Collimator Lens Option for Power LED
logo
Winbond
W949D6KB WINBOND-W949D6KB Datasheet
1Mb / 60P
   Power Down Mode
logo
Alliance Semiconductor ...
AS4C64M32MD1 ALSC-AS4C64M32MD1 Datasheet
1Mb / 43P
   Power Down Mode
logo
Analog Devices
HMC415LP3 AD-HMC415LP3 Datasheet
416Kb / 8P
   Power Down Capability
logo
AVAGO TECHNOLOGIES LIMI...
ODIN-MPT4-02 AVAGO-ODIN-MPT4-02 Datasheet
184Kb / 7P
   Power down mode
logo
Alliance Semiconductor ...
AS4C64M32MD2-25BCN ALSC-AS4C64M32MD2-25BCN Datasheet
2Mb / 129P
   Deep Power Down Mode
logo
Broadcom Corporation.
ASMT-M0XX BOARDCOM-ASMT-M0XX Datasheet
152Kb / 5P
   Collimator Lens Option for Power LED ASMT-Mxxx
logo
Copal Electronics
DN6 COPAL-DN6 Datasheet
76Kb / 2P
   Power-Up and Power-Down Characteristics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com