Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAM-011229 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-011229
Description  Power Down Option
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-011229 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAM-011229 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-011229 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-011229 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-011229 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-011229 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-011229 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM-011229 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAM-011229 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAM-011229 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Broadband Low Noise Amplifier
0.05 - 4 GHz
Rev. V1
MAAM-011229
2
2
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DC-0011111
2
Electrical Specifications: VDD = 5 V, +25ºC, Z0 = 50 Ω, Typical Application Circuit
Gain
0.05 - 3.25 GHz
4 GHz
dB
17
19
18
Noise Figure
0.05 - 1.2 GHz
1.2 - 3.25 GHz
4 GHz
dB
1.3
1.6
2.1
2.2
Input Return Loss
0.05 - 3.25 GHz
dB
16
Output Return Loss
0.05 - 3.25 GHz
dB
14
Output IP3
PIN = -15 dBm per tone, 6 MHz spacing
0.05 - 1.2 GHz
1.2 - 3.25 GHz
dBm
36
33
Output IP2
PIN = -15 dBm per tone, 6 MHz spacing
0.05 - 1.2 GHz
1.2 - 3.25 GHz
dBm
45
36
Output P1dB
0.05 - 1.2 GHz
1.2 - 3.25 GHz
dBm
19.5
18.5
Current
IDD
mA
80
115
RF Input Power CW
4 dBm
VDD
7 V
Storage Temperature
-55ºC to +150ºC
Operating Temperature
-40ºC to +85ºC
Junction Temperature8
+150ºC
Absolute Maximum Ratings5,6,7
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to
electrostatic discharge (ESD) and can be damaged
by static electricity. Proper ESD control techniques
should be used when handling these devices.
5. Exceeding any one or combination of these limits may cause
permanent damage to this device.
6. MACOM does not recommend sustained operation near these
survivability limits.
7. Operating at nominal conditions with TJ ≤ 150°C will ensure
MTTF > 1 x 106 hours.
8. Junction Temperature (TJ) = TC + ӨJC * ((V * I) - (POUT - PIN))
Typical thermal resistance (ӨJC) = 85°C/W
a) For TC = +25°C,
TJ = 59°C @ 5 V, 80 mA
b) For TC = +85°C,
TJ = 119°C @ 5 V, 80 mA


Similar Part No. - MAAM-011229

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-011220 MA-COM-MAAM-011220 Datasheet
1Mb / 10P
   Low Distortion Performance
MAAM-011220-001SMB MA-COM-MAAM-011220-001SMB Datasheet
1Mb / 10P
   Low Distortion Performance
MAAM-011220-TR1000 MA-COM-MAAM-011220-TR1000 Datasheet
1Mb / 10P
   Low Distortion Performance
MAAM-011220-TR3000 MA-COM-MAAM-011220-TR3000 Datasheet
1Mb / 10P
   Low Distortion Performance
More results

Similar Description - MAAM-011229

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9838 AD-AD9838 Datasheet
620Kb / 32P
   11 mW Power, 2.3 V to 5.5 V, Complete DDS Power-down option
REV. A
logo
Willow Technologies Ltd
DA30-P736 WILLOW-DA30-P736 Datasheet
327Kb / 2P
   power relay with PCB option
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-M0XX AVAGO-ASMT-M0XX Datasheet
356Kb / 5P
   Collimator Lens Option for Power LED
logo
Winbond
W949D6KB WINBOND-W949D6KB Datasheet
1Mb / 60P
   Power Down Mode
logo
Alliance Semiconductor ...
AS4C64M32MD1 ALSC-AS4C64M32MD1 Datasheet
1Mb / 43P
   Power Down Mode
logo
Analog Devices
HMC415LP3 AD-HMC415LP3 Datasheet
416Kb / 8P
   Power Down Capability
logo
AVAGO TECHNOLOGIES LIMI...
ODIN-MPT4-02 AVAGO-ODIN-MPT4-02 Datasheet
184Kb / 7P
   Power down mode
logo
Alliance Semiconductor ...
AS4C64M32MD2-25BCN ALSC-AS4C64M32MD2-25BCN Datasheet
2Mb / 129P
   Deep Power Down Mode
logo
Broadcom Corporation.
ASMT-M0XX BOARDCOM-ASMT-M0XX Datasheet
152Kb / 5P
   Collimator Lens Option for Power LED ASMT-Mxxx
logo
Copal Electronics
DN6 COPAL-DN6 Datasheet
76Kb / 2P
   Power-Up and Power-Down Characteristics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com