Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MABA-010321-CT1A42 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MABA-010321-CT1A42
Description  Available on Tape and Reel
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-010321-CT1A42 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MABA-010321-CT1A42 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABA-010321-CT1A42 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABA-010321-CT1A42 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MABA-010321-CT1A42 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MABA-010321-CT1A42 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MABA-010321-CT1A42 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1:1 Transmission Line Transformer with tertiary winding
50 - 1200 MHz
MABA-010321-CT1A42
5
55
Rev. V4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Tape & Reel Information
Outline Drawing
1.
Dimensions in mm.
2.
Tolerance: ±0.2mm unless otherwise noted.
3.
Model number and lot code are printed on the reel.
4.
Lead plating: ENIG on both sides, 0.05 to 0.1 µm gold over
3 to 6 µm nickel
Parameter
Units
Value
Qty per reel
-
2000
Reel Size
mm
330
Tape Width
mm
16.00
Pitch
mm
8.00
Ao
mm
4.5
Bo
mm
6.7
Ko
mm
3.8
Orientation
-
F5
Reference Application Note ANI-019 for orientation
Carrier Tape Orientation
Pin4


Similar Part No. - MABA-010321-CT1A42

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-010321-CT1A42-V2 MA-COM-MABA-010321-CT1A42-V2 Datasheet
486Kb / 4P
   1:1 Transmission Line Transformer with tertiary winding
MABA-010321-CT1A42 MA-COM-MABA-010321-CT1A42_15 Datasheet
486Kb / 4P
   1:1 Transmission Line Transformer with tertiary winding
More results

Similar Description - MABA-010321-CT1A42

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-011016 MA-COM-MABA-011016 Datasheet
665Kb / 5P
   Available on tape and reel
MACP-011032 MA-COM-MACP-011032 Datasheet
676Kb / 5P
   Available on Tape and Reel
MACP-011037 MA-COM-MACP-011037 Datasheet
552Kb / 5P
   Available on Tape and Reel
logo
SunLED Corporation
XLCBD12W SUNLED-XLCBD12W Datasheet
231Kb / 3P
   Available on tape and reel
XLFBB12W SUNLED-XLFBB12W Datasheet
230Kb / 3P
   Available on tape and reel
XLFBB14W SUNLED-XLFBB14W Datasheet
229Kb / 3P
   Available on tape and reel
XLM2DG169W SUNLED-XLM2DG169W Datasheet
229Kb / 3P
   Available on tape and reel
XSCBD43MB SUNLED-XSCBD43MB Datasheet
230Kb / 3P
   Available on tape and reel
logo
M/A-COM Technology Solu...
MABA-010655-CF1A40-V3 MA-COM-MABA-010655-CF1A40-V3 Datasheet
681Kb / 4P
   Available on tape and reel
MAPD-011002 MA-COM-MAPD-011002 Datasheet
717Kb / 5P
   Available on Tape and Reel
MAPD-011039 MA-COM-MAPD-011039 Datasheet
807Kb / 7P
   Available on tape and reel
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com