Electronic Components Datasheet Search |
|
S-5843A99AD-M5T1S Datasheet(PDF) 1 Page - Seiko Instruments Inc |
|
S-5843A99AD-M5T1S Datasheet(HTML) 1 Page - Seiko Instruments Inc |
1 / 21 page S-5843A Series www.sii-ic.com TEMPERATURE SWITCH IC (THERMOSTAT IC) © SII Semiconductor Corporation, 2009-2015 Rev.2.2_01 1 The S-5843A Series is a temperature switch IC (thermostat IC) which detects the temperature with a temperature accuracy of ±2.5°C. The output inverts when temperature reaches the detection temperature. The S-5843A Series restores the output voltage when the temperature drops to the level of release temperature. The S-5843A Series operates at the lower power supply voltage of 1.65 V and its current consumption is 4.5 μA typ. due to CMOS configuration. A temperature sensor with the negative temperature coefficient, a reference voltage generation circuit, a comparator and a delay circuit are integrated on one chip, and enclosed into the packages SOT-23-5 and SNT-6A. Features • Detection temperature: TDET = +40°C to +120°C, +1°C step, detection accuracy: ±2.5°C • Low voltage operation: VDD = 1.65 V min. • Low current consumption: IDD = 4.5 μA typ. (Ta = +25°C) • Hysteresis temperature: selectable in 2 °C, 4°C, 10°C or 20°C • Selectable output logic in active "H" or "L" • Selectable output form in CMOS or Nch open drain • Prevent functions for false detection operation and false release operation • Operation temperature range: Ta = −40°C to +125°C • Lead-free, Sn 100%, halogen-free*1 *1. Refer to " Product Name Structure" for details. Applications • Fan control • Air conditioning system • Mobile phone • Game console • Various electronic devices Packages • SOT-23-5 • SNT-6A |
Similar Part No. - S-5843A99AD-M5T1S |
|
Similar Description - S-5843A99AD-M5T1S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |