Electronic Components Datasheet Search |
|
MABA-011085-PPR Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc. |
|
MABA-011085-PPR Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc. |
4 / 5 page 1:1 Transmission Line Balun with Tertiary Winding 5 - 1225 MHz Rev. V1 MABA-011085 4 4 MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support DC-0012064 4 Part Outline Drawing 1. Dimensions in mm 2. Tolerance: ±0.2 mm unless otherwise noted 3. Model number and lot code are printed on the reel 4. Plating finish: ENIG on both sides, 0.05 to 0.1 µm gold over 3 to 6 µm nickel Carrier Tape Orientation Tape & Reel Information Parameter Units Value Qty per reel - 900 Reel Size mm 330 Tape Width mm 16.00 Pitch mm 12.00 Orientation - F60 Reference Application Note ANI-019 for orientation 1.45 0.40 2.50 1.90 7.11 6.35 1.0 1.5 5.08 3.15 5.08 2.40 1.20 Orientation Notch Bottom View Top View End View Side View 4 3 1 2 4 3 1 2 Land Pattern |
Similar Part No. - MABA-011085-PPR |
|
Similar Description - MABA-011085-PPR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |