Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC12098 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC12098
Description  MECL PLL COMPONENTS 첨8192 PRESCALER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12098 Datasheet(HTML) 2 Page - Motorola, Inc

  MC12098 Datasheet HTML 1Page - Motorola, Inc MC12098 Datasheet HTML 2Page - Motorola, Inc MC12098 Datasheet HTML 3Page - Motorola, Inc MC12098 Datasheet HTML 4Page - Motorola, Inc MC12098 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MC12098
2
MOTOROLA RF/IF DEVICE DATA
Figure 1. MC12098 Block Diagram
÷8192
VCCO
OUT
11 k
VREF
IN
IN
GND
5000
5000
VREF ≈ 2.0 V @ VCC = 3.0 V
VREF ≈ 3.5 V @ VCC = 5.0 V
VCC
GNDO
Figure 2. AC Test Circuit
SINE WAVE GENERATOR
50
C1
C2
C3
VCC = 2.7 to 5.5 V
CL
VCC
IN
IN
GND
OUT
EXTERNAL COMPONENTS
C1 = C2 = 1000 pF
C3 = 0.1
µF
CL = 12 pF (Including Scope and Jig Capacitance)
GNDO
VCCO


Similar Part No. - MC12098

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC12090 MOTOROLA-MC12090 Datasheet
121Kb / 4P
   MECL PLL COMPONENTS HIGH?밪PEED PRESCALER
logo
ON Semiconductor
MC12093 ONSEMI-MC12093 Datasheet
129Kb / 5P
   /2,/4,/8 1.1 GHz Low Power Prescaler with Stand?묪y Mode
January, 2006 ??Rev. 6
logo
Motorola, Inc
MC12093 MOTOROLA-MC12093 Datasheet
244Kb / 3P
   /2,/4,/8 1.1GHz Low Power Prescaler with Stand-By Mode
logo
ON Semiconductor
MC12093 ONSEMI-MC12093 Datasheet
144Kb / 5P
   1.1 GHz Low Power Prescaler with Stand?륛y Mode
August, 2016 ??Rev. 8
MC120932MNR4 ONSEMI-MC120932MNR4 Datasheet
129Kb / 5P
   /2,/4,/8 1.1 GHz Low Power Prescaler with Stand?묪y Mode
January, 2006 ??Rev. 6
More results

Similar Description - MC12098

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC12023 MOTOROLA-MC12023 Datasheet
67Kb / 2P
   MECL PLL COMPONENTS 첨64 PRESCALER
MC12076 MOTOROLA-MC12076 Datasheet
84Kb / 3P
   MECL PLL COMPONENTS 첨256 PRESCALER
MC12078 MOTOROLA-MC12078 Datasheet
85Kb / 3P
   MECL PLL COMPONENTS 첨256 PRESCALER
MC12075 MOTOROLA-MC12075 Datasheet
74Kb / 3P
   MECL PLL COMPONENTS 첨64 PRESCALER
MC12074 MOTOROLA-MC12074 Datasheet
89Kb / 3P
   MECL PLL COMPONENTS 첨256 PRESCALER
MC12089 MOTOROLA-MC12089 Datasheet
74Kb / 4P
   MECL PLL COMPONENTS 첨64/128 PRESCALER
MC12090 MOTOROLA-MC12090 Datasheet
121Kb / 4P
   MECL PLL COMPONENTS HIGH?밪PEED PRESCALER
logo
LANSDALE Semiconductor ...
ML12509 LANSDALE-ML12509 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
logo
Motorola, Inc
MC12066 MOTOROLA-MC12066 Datasheet
142Kb / 4P
   MECL PLL COMPONENTS 첨64/256 PRESCALER
logo
LANSDALE Semiconductor ...
ML12509 LANSDALE-ML12509_08 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com