Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC12100 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC12100
Description  200 MHz VOLTAGE CONTROLLED MULTIVIBRATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12100 Datasheet(HTML) 2 Page - Motorola, Inc

  MC12100 Datasheet HTML 1Page - Motorola, Inc MC12100 Datasheet HTML 2Page - Motorola, Inc MC12100 Datasheet HTML 3Page - Motorola, Inc MC12100 Datasheet HTML 4Page - Motorola, Inc MC12100 Datasheet HTML 5Page - Motorola, Inc MC12100 Datasheet HTML 6Page - Motorola, Inc MC12100 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MC12100
2
MOTOROLA RF/IF DEVICE DATA
VCC
Figure 1. Block Diagram
10
11
7
1
13
18
RS
4
RF
3
1
RX
RY
CF
CENTER
FREQUENCY
SET
VCO
RIPPLE
COUNTER
17
16
15
14
FOE FOE
FSE FSE
3:1
MULTIPLEXER
10K
10K
FS
8
OE
9
12
FST
(ECL)
(TTL)
20 19
EBT
(TTL)
EBE
(ECL)
7
BIAS FILTER
6
5
FREQUENCY
CONTROL
INPUT
CB
CB
VC
FS
Level
Divide
Ratio
H
OPEN
L
1/2
1/4
1/8
FREQUENCY SELECT
FUNCTION TABLE
EBE
H
L or OPEN
H
EBT
H or OPEN
H
L
FOE, FSE, FST
L
FOE, FSE
H
VCO DISABLE FUNCTION TABLE
OSCILLATION
OSCILLATION
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Power Supply Voltage
VCC1
VCC2
VCC3
–0.5 to 8.0
V
Input Voltage
VIN (TTL)
–0.5 to VCC
V
Input Voltage
VIN (ECL)
–0.5 to VCC
V
Output Source Current – Surge
IOUT(ECL)
100
mA
Output Source Current – Continuous
IOUT(ECL)
50
mA
Junction Operating Temperature
TJ
140
°C
Storage Temperature
TSTG
–55 to 150
°C
NOTE:
ESD data available upon request.
OPERATING CONDITIONS
Parameter
Symbol
Value
Unit
Ambient Temperature
TA
0 to 75
°C
Supply Voltage
VCC
4.75 to 5.25
V
TTL High Output Current
IOH (TTL)
–1.0
mA
TTL Low Output Current
IOL (TTL)
20
mA


Similar Part No. - MC12100

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
MC1210 RCD-MC1210 Datasheet
69Kb / 1P
   THICK FILM CHIP RESISTORS AND JUMPERS
logo
Motorola, Inc
MC12101 MOTOROLA-MC12101 Datasheet
150Kb / 7P
   130 MHz VOLTAGE CONTROLLED MULTIVIBRATOR
logo
List of Unclassifed Man...
MC1210N ETC-MC1210N Datasheet
124Kb / 2P
   LSI CMOS
logo
RCD COMPONENTS INC.
MC1210P RCD-MC1210P Datasheet
69Kb / 1P
   THICK FILM CHIP RESISTORS AND JUMPERS
MC1210U RCD-MC1210U Datasheet
69Kb / 1P
   THICK FILM CHIP RESISTORS AND JUMPERS
More results

Similar Description - MC12100

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC12101 MOTOROLA-MC12101 Datasheet
150Kb / 7P
   130 MHz VOLTAGE CONTROLLED MULTIVIBRATOR
logo
Zarlink Semiconductor I...
SP1658BC ZARLINK-SP1658BC Datasheet
499Kb / 7P
   VOLTAGE-CONTROLLED MULTIVIBRATOR
logo
Motorola, Inc
MC1658 MOTOROLA-MC1658 Datasheet
105Kb / 6P
   VOLTAGE CONTROLLED MULTIVIBRATOR
logo
RF Monolithics, Inc
HO4006 RFM-HO4006 Datasheet
83Kb / 2P
   640.0 MHz Voltage Controlled SAW Oscillator
logo
Skyworks Solutions Inc.
SKY73120-11 SKYWORKS-SKY73120-11 Datasheet
123Kb / 9P
   890-960 MHz Voltage Controlled Oscillator
logo
HBH Microwave GmbH
HT0001 HBH-HT0001 Datasheet
13Kb / 1P
   1 - 150 MHz Voltage Controlled Attenuator
logo
Pasternack Enterprises,...
PE1V31009 PASTERNACK-PE1V31009 Datasheet
438Kb / 5P
   Voltage Controlled Oscillator (VCO) From 200 MHz to 400 MHz, Phase Noise of -106 dBc/Hz and SMA
logo
Teledyne Technologies I...
OAS5100 TELEDYNE-OAS5100 Datasheet
188Kb / 2P
   4300 TO 5100 MHz VOLTAGE CONTROLLED OSCILLATOR
logo
Qorvo, Inc
RFSA3043 QORVO-RFSA3043 Datasheet
2Mb / 16P
   75 Voltage Controlled Attenuator (5 ??3000 MHz)
logo
Skyworks Solutions Inc.
PS094-315 SKYWORKS-PS094-315 Datasheet
381Kb / 4P
   Voltage Controlled Phase Shifter 700-1200 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com