Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8200AAC-M6T1U Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-8200AAC-M6T1U
Description  BATTERY PROTECTION IC FOR 1-CELL PACK
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8200AAC-M6T1U Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-8200AAC-M6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-8200AAC-M6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8200AAC-M6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8200AAC-M6T1U Datasheet HTML 9Page - Seiko Instruments Inc S-8200AAC-M6T1U Datasheet HTML 10Page - Seiko Instruments Inc S-8200AAC-M6T1U Datasheet HTML 11Page - Seiko Instruments Inc S-8200AAC-M6T1U Datasheet HTML 12Page - Seiko Instruments Inc S-8200AAC-M6T1U Datasheet HTML 13Page - Seiko Instruments Inc S-8200AAC-M6T1U Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
S-8200A Series
Rev.4.0_02
10
Test Circuits
Caution Unless otherwise specified, the output voltage levels "H" and "L" at CO pin (VCO) and DO pin (VDO) are
judged by the threshold voltage (1.0 V) of the N-channel FET. Judge the CO pin level with respect to VVM
and the DO pin level with respect to VSS.
1. Overcharge detection voltage, overcharge release voltage
(Test circuit 1)
Overcharge detection voltage (VCU) is defined as the voltage V1 at which VCO goes from "H" to "L" when the voltage V1
is gradually increased from the starting condition of V1 = 3.4 V. Overcharge release voltage (VCL) is defined as the
voltage V1 at which VCO goes from "L" to "H" when the voltage V1 is then gradually decreased. Overcharge hysteresis
voltage (VHC) is defined as the difference between VCU and VCL.
2. Overdischarge detection voltage, overdischarge release voltage
(Test circuit 2)
Overdischarge detection voltage (VDL) is defined as the voltage V1 at which VDO goes from "H" to "L" when the voltage
V1 is gradually decreased from the starting condition of V1 = 3.4 V, V2 = 0 V. Overdischarge release voltage (VDU) is
defined as the voltage V1 at which VDO goes from "L" to "H" when the voltage V1 is then gradually increased.
Overdischarge hysteresis voltage (VHD) is defined as the difference between VDU and VDL.
3. Discharge overcurrent detection voltage
(Test circuit 2)
Discharge overcurrent detection voltage (VDIOV) is defined as the voltage V2 whose delay time for changing VDO from
"H" to "L" is discharge overcurrent delay time (tDIOV) when the voltage V2 is increased from the starting condition of
V1 = 3.4 V, V2 = 0 V.
4. Load short-circuiting detection voltage
(Test circuit 2)
Load short-circuiting detection voltage (VSHORT) is defined as the voltage V2 whose delay time for changing VDO from
"H" to "L" is load short-circuiting delay time (tSHORT) when the voltage V2 is increased from the starting condition of
V1 = 3.4 V, V2 = 0 V.
5. Charge overcurrent detection voltage
(Test circuit 2)
Charge overcurrent detection voltage (VCIOV) is defined as the voltage V2 whose delay time for changing VCO from "H" to
"L" is charge overcurrent delay time (tCIOV) when the voltage V2 is decreased from the starting condition of V1 = 3.4 V,
V2 = 0 V.
6. Current consumption during operation
(Test circuit 2)
The current consumption during operation (IOPE) is the current that flows through the VDD pin (IDD) under the set
conditions of V1 = 3.4 V and V2 = 0 V.
7. Current consumption during power-down, current consumption during overdischarge
(Test circuit 2)
7. 1 With power-down function
The current consumption during power-down (IPDN) is IDD under the set conditions of V1 = V2 = 1.5 V.
7. 2 Without power-down function
The current consumption during overdischarge (IOPED) is IDD under the set conditions of V1 = V2 = 1.5 V.


Similar Part No. - S-8200AAC-M6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8200AAC-M6T1U ABLIC-S-8200AAC-M6T1U Datasheet
580Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.4.0_03
More results

Similar Description - S-8200AAC-M6T1U

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
   Protection IC for 1-Cell Battery Pack
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Neotec Semiconductor Lt...
NT1715B NEOTEC-NT1715B Datasheet
250Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.13
logo
ABLIC Inc.
S-82C1F ABLIC-S-82C1F Datasheet
843Kb / 42P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.3_00
S-8240A ABLIC-S-8240A Datasheet
783Kb / 48P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
S-8250B ABLIC-S-8250B Datasheet
577Kb / 32P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.1_03
logo
Neotec Semiconductor Lt...
NT1713C NEOTEC-NT1713C Datasheet
283Kb / 5P
   Protection IC for 1-Cell Battery Pack
V1.1
NT1715C NEOTEC-NT1715C Datasheet
228Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.4
logo
Seiko Instruments Inc
S-8211D SII-S-8211D Datasheet
370Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
ABLIC Inc.
S-8211C ABLIC-S-8211C Datasheet
636Kb / 43P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
S-82H1B ABLIC-S-82H1B Datasheet
561Kb / 29P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com