Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MG780 Datasheet(PDF) 2 Page - Caddock Electronics, Inc.

Part # MG780
Description  Type MG Precision High Voltage Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADDOCK [Caddock Electronics, Inc.]
Direct Link  http://www.caddock.com/
Logo CADDOCK - Caddock Electronics, Inc.

MG780 Datasheet(HTML) 2 Page - Caddock Electronics, Inc.

  MG780 Datasheet HTML 1Page - Caddock Electronics, Inc. MG780 Datasheet HTML 2Page - Caddock Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Sales and Corporate Office
1717 Chicago Avenue
Riverside, California 92507-2364
Phone: (951) 788-1700
Fax: (951) 369-1151
Applications Engineering
17271 North Umpqua Hwy.
Roseburg, Oregon 97470-9422
Phone: (541) 496-0700
Fax: (541) 496-0408
e-mail: caddock@caddock.com • web: www.caddock.com
For Caddock Distributors listed by country see caddock.com/contact/dist.html
© 2004 Caddock Electronics, Inc.
CAD
K
DOC
C
B
A
1.500 ± .125
(38.10 ± 3.18)
RATED POWER OR
RATED VOLTAGE, %
AMBIENT TEMPERATURE, °C
100
80
60
40
20
0
25
75
125 175
225 275
MG680
MG712
MG714
MG715
MG725
MG720
MG660
MG716
MG721
MG745
MG810
MG815
MG735
MG730
MG717
MG785
MG731
MG740
Most models are available with
Caddock's Non-inductive Serpentine Pattern
For immediate engineering assistance in developing Low Ratio TC matched
high voltage resistor sets, contact our Applications Engineering and we will
be pleased to offer the best solution from our high voltage resistor product
capabilities.
Derating Curve:
MG650
MG710
MG750
MG780
DIMENSIONS IN INCHES AND (MILLIMETERS)
Design Assistance in Developing High Voltage Resistor Sets with
Low TC Tracking.
Ordering Information:
MG750 -100M - 1%
Model Number:
Resistor Value:
Tolerance
Certain products shown in this catalog are covered by one or more patents, there are also patents pending.
MG655
N Non-inductive
performance with
Caddock's exclusive design
Type MG Precision High Voltage Resistors
Page 2 of 2
28_IL110.1004


Similar Part No. - MG780

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MG780 ETC2-MG780 Datasheet
310Kb / 2P
   Precision High Voltage Resistors
logo
Kyocera Kinseki Corpota...
MG780 KSS-MG780 Datasheet
269Kb / 4P
   Monochrome Graphic & Character LCDs
logo
Caddock Electronics, In...
MG780 CADDOCK-MG780 Datasheet
324Kb / 2P
   Type MG Precision High Voltage Resistors
More results

Similar Description - MG780

ManufacturerPart #DatasheetDescription
logo
Caddock Electronics, In...
MG780 CADDOCK-MG780 Datasheet
324Kb / 2P
   Type MG Precision High Voltage Resistors
MX431 CADDOCK-MX431_17 Datasheet
368Kb / 1P
   Type MX Precision High Voltage Resistors
MX431 CADDOCK-MX431 Datasheet
393Kb / 1P
   Type MX Precision High Voltage Resistors
logo
List of Unclassifed Man...
HVE20 ETC-HVE20 Datasheet
447Kb / 1P
   Precision high voltage resistors
MX431 ETC2-MX431 Datasheet
118Kb / 1P
   PRECISION HIGH VOLTAGE RESISTORS
MG650 ETC2-MG650 Datasheet
310Kb / 2P
   Precision High Voltage Resistors
logo
RHOPOINT COMPONENTS
USG1105-50M-0.10-10 RHOPOINT-USG1105-50M-0.10-10 Datasheet
342Kb / 1P
   Type USG Ultra-Stable Precision High Voltage Resistors
logo
Caddock Electronics, In...
USG1105 CADDOCK-USG1105 Datasheet
613Kb / 1P
   Type USG Ultra-Stable Precision High Voltage Resistors
TG931 CADDOCK-TG931 Datasheet
165Kb / 1P
   Type TG Low TC Precision High Voltage Resistors
TG931 CADDOCK-TG931_17 Datasheet
723Kb / 1P
   Type TG Low TC Precision High Voltage Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com