Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8204AAB-TCT1Y Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-8204AAB-TCT1Y
Description  BATTERY PROTECTION IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8204AAB-TCT1Y Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-8204AAB-TCT1Y Datasheet HTML 1Page - Seiko Instruments Inc S-8204AAB-TCT1Y Datasheet HTML 2Page - Seiko Instruments Inc S-8204AAB-TCT1Y Datasheet HTML 3Page - Seiko Instruments Inc S-8204AAB-TCT1Y Datasheet HTML 4Page - Seiko Instruments Inc S-8204AAB-TCT1Y Datasheet HTML 5Page - Seiko Instruments Inc S-8204AAB-TCT1Y Datasheet HTML 6Page - Seiko Instruments Inc S-8204AAB-TCT1Y Datasheet HTML 7Page - Seiko Instruments Inc S-8204AAB-TCT1Y Datasheet HTML 8Page - Seiko Instruments Inc S-8204AAB-TCT1Y Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
Rev.3.5_00
S-8204A Series
3
Product Name Structure
1. Product name
S-8204A xx - xxxx x
Environmental code
U:
Lead-free (Sn 100%), halogen-free
S:
Lead-free, halogen-free
Package name (abbreviation) and packing specifications
*1
TCT1: 16-Pin TSSOP, Tape
Serial code
*2
Sequentially set from AA to ZZ
*1. Refer to the tape drawing.
*2. Refer to "3. Product name list".
2. Package
Table 1 Package Drawing Codes
Package Name
Dimension
Tape
Reel
16-Pin TSSOP
Environmental code = S
FT016-A-P-SD
FT016-A-C-SD
FT016-A-R-SD
Environmental code = U
FT016-A-P-SD
FT016-A-C-SD
FT016-A-R-S1
3. Product name list
Table 2
Product Name
Overcharge
Detection Voltage
[VCU]
Overcharge
Release Voltage
[VCL]
Overdischarge
Detection Voltage
[VDL]
Overdischarge
Release Voltage
[VDU]
Discharge
Overcurrent
Detection Voltage 1
[VDIOV1]
Charge
Overcurrent
Detection Voltage
[VCIOV]
0 V Battery
Charge Function
S-8204AAB-TCT1y 4.350
± 0.025 V 4.150 ± 0.050 V 2.00 ± 0.080 V
2.70
± 0.100 V
0.25
± 0.015 V
−0.10 ± 0.030 V
Available
S-8204AAC-TCT1y 4.200
± 0.025 V 4.100 ± 0.050 V 2.70 ± 0.080 V
2.90
± 0.100 V
0.25
± 0.015 V
−0.25 ± 0.030 V
Available
S-8204AAD-TCT1y 3.800
± 0.025 V 3.600 ± 0.050 V 2.00 ± 0.080 V
2.30
± 0.100 V
0.30
± 0.015 V
−0.25 ± 0.030 V
Available
S-8204AAE-TCT1y 4.250
± 0.025 V 4.050 ± 0.050 V 2.40 ± 0.080 V
2.70
± 0.100 V
0.20
± 0.015 V
−0.15 ± 0.030 V
Unavailable
S-8204AAF-TCT1y 4.200
± 0.025 V 4.100 ± 0.050 V 2.70 ± 0.080 V
2.90
± 0.100 V
0.10
± 0.015 V
−0.10 ± 0.030 V
Available
S-8204AAG-TCT1y 3.800
± 0.025 V 3.650 ± 0.050 V 2.20 ± 0.080 V
2.50
± 0.100 V
0.10
± 0.015 V
−0.10 ± 0.030 V
Available
S-8204AAH-TCT1y 3.800
± 0.025 V 3.600 ± 0.050 V 2.00 ± 0.080 V
2.30
± 0.100 V
0.10
± 0.015 V
−0.05 ± 0.030 V
Available
S-8204AAI-TCT1y 3.800
± 0.025 V 3.600 ± 0.050 V 2.00 ± 0.080 V
2.30
± 0.100 V
0.05
± 0.015 V
−0.05 ± 0.030 V
Available
S-8204AAJ-TCT1U 4.350
± 0.025 V 4.150 ± 0.050 V 2.50 ± 0.080 V
3.00
± 0.100 V
0.30
± 0.015 V
−0.20 ± 0.030 V
Unavailable
S-8204AAK-TCT1U 4.300
± 0.025 V 4.100 ± 0.050 V 2.30 ± 0.080 V
2.60
± 0.100 V
0.15
± 0.015 V
−0.15 ± 0.030 V
Unavailable
Remark 1. Please contact our sales office for products with detection voltage values other than those specified
above.
2. y: S or U
3. Please select products of environmental code = U for Sn 100%, halogen-free products.


Similar Part No. - S-8204AAB-TCT1Y

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8204AAB-TCT1Y ABLIC-S-8204AAB-TCT1Y Datasheet
752Kb / 34P
   BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
Rev.3.5_01
More results

Similar Description - S-8204AAB-TCT1Y

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP8207 UPI-UP8207 Datasheet
240Kb / 17P
   Battery Protection IC
logo
Seiko Instruments Inc
S-8252AAA-M6T1U SII-S-8252AAA-M6T1U Datasheet
2Mb / 36P
   BATTERY PROTECTION IC
S-8205AAA-TCT1U SII-S-8205AAA-TCT1U Datasheet
2Mb / 33P
   BATTERY PROTECTION IC
S-8209BAA-T8T1Y SII-S-8209BAA-T8T1Y Datasheet
1Mb / 26P
   BATTERY PROTECTION IC
logo
Unisonic Technologies
UB209B UTC-UB209B_15 Datasheet
244Kb / 9P
   BATTERY PROTECTION IC
logo
Shenzhen Guan Hua Wei Y...
WSTDW01 WIINSOK-WSTDW01 Datasheet
1Mb / 7P
   battery protection IC
logo
Seiko Instruments Inc
S-8211EAC-M5T1U SII-S-8211EAC-M5T1U Datasheet
1Mb / 29P
   BATTERY PROTECTION IC
S8204A SII-S8204A Datasheet
650Kb / 34P
   BATTERY PROTECTION IC
S8211D SII-S8211D Datasheet
1Mb / 38P
   BATTERY PROTECTION IC
S-8211CAA-M5T1X SII-S-8211CAA-M5T1X Datasheet
2Mb / 43P
   BATTERY PROTECTION IC
S-8243AACFT-TB-X SII-S-8243AACFT-TB-X Datasheet
2Mb / 35P
   BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com