Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8205AAA-TCT1U Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-8205AAA-TCT1U
Description  BATTERY PROTECTION IC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8205AAA-TCT1U Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-8205AAA-TCT1U Datasheet HTML 6Page - Seiko Instruments Inc S-8205AAA-TCT1U Datasheet HTML 7Page - Seiko Instruments Inc S-8205AAA-TCT1U Datasheet HTML 8Page - Seiko Instruments Inc S-8205AAA-TCT1U Datasheet HTML 9Page - Seiko Instruments Inc S-8205AAA-TCT1U Datasheet HTML 10Page - Seiko Instruments Inc S-8205AAA-TCT1U Datasheet HTML 11Page - Seiko Instruments Inc S-8205AAA-TCT1U Datasheet HTML 12Page - Seiko Instruments Inc S-8205AAA-TCT1U Datasheet HTML 13Page - Seiko Instruments Inc S-8205AAA-TCT1U Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
BATTERY PROTECTION IC FOR 4-SERIES OR 5-SERIES CELL PACK
S-8205A/B Series
Rev.1.9_00
10
Table 6 (2 / 2)
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Input Voltage
Operation voltage between
VDD pin and VSS pin
*7
VDSOP
Fixed output voltage of
DO pin and CO pin
2
24
V
CTLC pin change voltage
*7
VCTLC
2.1
3.0
4.0
V
2
CTLD pin change voltage
*7
VCTLD
2.1
3.0
4.0
V
2
Input Current
Current consumption during
operation
IOPE
20
40
μA
1
Current consumption during
power-down
*6
IPDN
V1 = V2 = V3 = V4 = V5
*1 = 1.5 V
0.1
μA
1
VC1 pin current
IVC1
0
1.5
3.0
μA
5
VC2 pin current
IVC2
−1.0
0
1.0
μA
5
VC3 pin current
IVC3
−1.0
0
1.0
μA
5
VC4 pin current
IVC4
−1.0
0
1.0
μA
5
VC5 pin current
IVC5
S-8205A Series
−3.0
−1.5
0
μA
5
S-8205B Series
−1.0
0
1.0
μA
5
Output Current
CO pin source current
ICOH
V13 = 0.5 V
10
μA
5
CO pin leakage current
ICOL
S-8205A Series
V1 = V2 = V3 = V4 = 6 V
S-8205B Series
V1 = V2 = V3 = V4 = V5 = 4.8 V
0.1
μA
5
DO pin source current
IDOH
V14 = 0.5 V
10
μA
5
DO pin sink current
IDOL
V15 = 0.5 V
−10
μA
5
*1. Because S-8205A Series are the protection ICs for 4-series cell, there is no V5 for them.
*2. Voltage temperature coefficient 1: Overcharge detection voltage
*3. Voltage temperature coefficient 2: Discharge overcurrent detection voltage
*4. Since products are not screened at high and low temperature, the specification for this temperature range is guaranteed by
design, not tested in production.
*5. Refer to " Operation" for details of delay time function.
*6. For products with power-down function
*7. The S-8205A/B Series does not operate detection if the operation voltage between VDD pin and VSS pin (VDSOP) is CTLC
pin change voltage (VCTLC) or CTLD pin change voltage (VCTLD) or less.


Similar Part No. - S-8205AAA-TCT1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8205AAA-TCT1U ABLIC-S-8205AAA-TCT1U Datasheet
832Kb / 33P
   BATTERY PROTECTION IC FOR 4-SERIES OR 5-SERIES CELL PACK
Rev.1.9_01
More results

Similar Description - S-8205AAA-TCT1U

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP8207 UPI-UP8207 Datasheet
240Kb / 17P
   Battery Protection IC
logo
Seiko Instruments Inc
S-8252AAA-M6T1U SII-S-8252AAA-M6T1U Datasheet
2Mb / 36P
   BATTERY PROTECTION IC
S-8209BAA-T8T1Y SII-S-8209BAA-T8T1Y Datasheet
1Mb / 26P
   BATTERY PROTECTION IC
logo
Unisonic Technologies
UB209B UTC-UB209B_15 Datasheet
244Kb / 9P
   BATTERY PROTECTION IC
logo
Shenzhen Guan Hua Wei Y...
WSTDW01 WIINSOK-WSTDW01 Datasheet
1Mb / 7P
   battery protection IC
logo
Seiko Instruments Inc
S-8211EAC-M5T1U SII-S-8211EAC-M5T1U Datasheet
1Mb / 29P
   BATTERY PROTECTION IC
S8204A SII-S8204A Datasheet
650Kb / 34P
   BATTERY PROTECTION IC
S8211D SII-S8211D Datasheet
1Mb / 38P
   BATTERY PROTECTION IC
S-8211CAA-M5T1X SII-S-8211CAA-M5T1X Datasheet
2Mb / 43P
   BATTERY PROTECTION IC
S-8243AACFT-TB-X SII-S-8243AACFT-TB-X Datasheet
2Mb / 35P
   BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com