Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8204AAG-TCT1y Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-8204AAG-TCT1y
Description  BATTERY PROTECTION IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8204AAG-TCT1y Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-8204AAG-TCT1y Datasheet HTML 5Page - Seiko Instruments Inc S-8204AAG-TCT1y Datasheet HTML 6Page - Seiko Instruments Inc S-8204AAG-TCT1y Datasheet HTML 7Page - Seiko Instruments Inc S-8204AAG-TCT1y Datasheet HTML 8Page - Seiko Instruments Inc S-8204AAG-TCT1y Datasheet HTML 9Page - Seiko Instruments Inc S-8204AAG-TCT1y Datasheet HTML 10Page - Seiko Instruments Inc S-8204AAG-TCT1y Datasheet HTML 11Page - Seiko Instruments Inc S-8204AAG-TCT1y Datasheet HTML 12Page - Seiko Instruments Inc S-8204AAG-TCT1y Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
Rev.3.5_00
S-8204A Series
9
2. 6 Charge overcurrent detection voltage (VCIOV)
The charge overcurrent detection voltage (VCIOV) is the VINI pin's voltage; when the COP pin's voltage
is set to "H" after decreasing the VINI pin's voltage gradually from the initial status.
2. 7 CTLC pin input voltage "H" (VCTLCH), CTLC pin input voltage "L" (VCTLCL)
The CTLC pin input voltage "H" (VCTLCH) is the CTLC pin's voltage; when the COP pin's voltage is set
to "H" after increasing the CTLC pin's voltage gradually from the initial status. After that, decreasing
the CTLC pin's voltage gradually, the CTLC pin's voltage when the COP pin's voltage is set to "L"; is
the CTLC pin input voltage "L" (VCTLCL).
2. 8 CTLD pin input voltage "H" (VCTLDH), CTLD pin input voltage "L" (VCTLDL)
The CTLD pin input voltage "H" (VCTLDH) is the CTLD pin's voltage; when the DOP pin's voltage is set
to "H" after increasing the CTLD pin's voltage gradually from the initial status. After that, decreasing
the CTLD pin's voltage gradually, the CTLD pin's voltage when the DOP pin's voltage is set to "L"; is
the CTLD pin input voltage "L" (VCTLDL).
2. 9 SEL pin input voltage "H" (VSELH), SEL pin input voltage "L" (VSELL)
Start from the initial status, set V4 = 0 V. Confirm the DOP pin is in "H". After that, decreasing the SEL
pin's voltage gradually, the SEL pin's voltage when the DOP pin's voltage is set to "L"; is the SEL pin
input voltage "L" (VSELL). After that, increasing the SEL pin's voltage gradually, the SEL pin's voltage
when the DOP pin's voltage is set to "H"; is the SEL pin input voltage "H" (VSELH).
3. CCT pin internal resistance, CDT pin internal resistance, CIT pin internal resistance 1, CIT pin
internal resistance 2, CCT pin detection voltage, CDT pin detection voltage, CIT pin detection
voltage, short circuit detection voltage delay time
(Test circuit 3)
Confirm both COP pin and DOP pin are in "L" after setting VVMP = VSEL = VDD, VVINI = VCTLC = VCTLD =
CCT = CDT = CIT = VSS, V1 = V2 = V3 = V4 = 3.5 V. (This status is referred to as initial status.)
3. 1 CCT pin internal resistance (RINC)
The CCT pin internal resistance (RINC) is RINC = VDS / ICCT, ICCT is the current which flows from the CCT
pin when setting V1 = 4.7 V from the initial status.
3. 2 CDT pin internal resistance (RIND)
The CDT pin internal resistance (RIND) is RIND = VDS / ICDT, ICDT is the current which flows from the CDT
pin when setting V1 = 1.5 V from the initial status.
3. 3 CIT pin internal resistance 1 (RINI1)
The CIT pin internal resistance 1 (RINI1) is RINI1 = VDS / ICIT1, ICIT1 is the current which flows from the CIT
pin when setting VVINI = VDIOV1 max.
+ 0.05 V from the initial status.
3. 4 CIT pin internal resistance 2 (RINI2)
The CIT pin internal resistance 2 (RINI2) is RINI2 = VDS / ICIT2, ICIT2 is the current which flows from the CIT
pin when setting VVINI = VDIOV2 max.
+ 0.05 V from the initial status.
3. 5 CCT pin detection voltage (VCCT)
The CCT pin detection voltage (VCCT) is the voltage at the CCT pin when the COP pin's voltage is set
to "H" (voltage VDS
× 0.9 V or more) after increasing the CCT pin's voltage gradually, after setting V1 =
4.7 V from the initial status.


Similar Part No. - S-8204AAG-TCT1y

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8204AAG-TCT1Y ABLIC-S-8204AAG-TCT1Y Datasheet
752Kb / 34P
   BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
Rev.3.5_01
More results

Similar Description - S-8204AAG-TCT1y

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP8207 UPI-UP8207 Datasheet
240Kb / 17P
   Battery Protection IC
logo
Seiko Instruments Inc
S-8252AAA-M6T1U SII-S-8252AAA-M6T1U Datasheet
2Mb / 36P
   BATTERY PROTECTION IC
S-8205AAA-TCT1U SII-S-8205AAA-TCT1U Datasheet
2Mb / 33P
   BATTERY PROTECTION IC
S-8209BAA-T8T1Y SII-S-8209BAA-T8T1Y Datasheet
1Mb / 26P
   BATTERY PROTECTION IC
logo
Unisonic Technologies
UB209B UTC-UB209B_15 Datasheet
244Kb / 9P
   BATTERY PROTECTION IC
logo
Shenzhen Guan Hua Wei Y...
WSTDW01 WIINSOK-WSTDW01 Datasheet
1Mb / 7P
   battery protection IC
logo
Seiko Instruments Inc
S-8211EAC-M5T1U SII-S-8211EAC-M5T1U Datasheet
1Mb / 29P
   BATTERY PROTECTION IC
S8204A SII-S8204A Datasheet
650Kb / 34P
   BATTERY PROTECTION IC
S8211D SII-S8211D Datasheet
1Mb / 38P
   BATTERY PROTECTION IC
S-8211CAA-M5T1X SII-S-8211CAA-M5T1X Datasheet
2Mb / 43P
   BATTERY PROTECTION IC
S-8243AACFT-TB-X SII-S-8243AACFT-TB-X Datasheet
2Mb / 35P
   BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com