Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73M2901CLIH Datasheet(PDF) 7 Page - TDK Electronics

Part # 73M2901CLIH
Description  V.22 BIS SINGLE CHIP MODEM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

73M2901CLIH Datasheet(HTML) 7 Page - TDK Electronics

Back Button 73M2901CLIH Datasheet HTML 3Page - TDK Electronics 73M2901CLIH Datasheet HTML 4Page - TDK Electronics 73M2901CLIH Datasheet HTML 5Page - TDK Electronics 73M2901CLIH Datasheet HTML 6Page - TDK Electronics 73M2901CLIH Datasheet HTML 7Page - TDK Electronics 73M2901CLIH Datasheet HTML 8Page - TDK Electronics 73M2901CLIH Datasheet HTML 9Page - TDK Electronics 73M2901CLIH Datasheet HTML 10Page - TDK Electronics 73M2901CLIH Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
73M2901CL
V.22bis Single Chip Modem
7
DC CHARACTERISTICS VCC=3.3V (Vdd stands for VPD and VPA)
PARAMETER
SYMBOL
CONDITIONS
MIN
NOM
MAX
UNIT
Input low voltage (except OSCIN)
VIL
-0.5
0.8
V
Input low voltage OSCIN
VIL
-0.5
0.2Vdd
V
Input high voltage (except OSCIN)
VIH
0.7Vdd
+5.5
V
Input high voltage OSCIN
VIH
0.7Vdd
Vdd+0.5
V
Output low voltage (except OSCOUT)
VOL
IOL=4mA
0.45
V
Output low voltage OSCOUT
VOLOSC
IOL=3mA
0.7
V
Output high voltage (except
OSCOUT)
VOH
IOH=-4mA
Vdd-0.45
V
Output high voltage OSCOUT
VOHOSC
IOH=-3mA
Vdd-0.9
V
Input leakage current (except OSCIN)
IIH
Vss<Vin<Vdd
1
µA
Input leakage current OSCIN
IIH
Vss<Vin<Vdd
1
30
µA
PARAMETER
CONDITIONS
MIN
NOM
MAX
UNIT
VBG
Vdd=3.3V
1.19
1.25
1.31
V
VREF
Vdd=3.3V
1.19
1.25
1.31
V
TXAP to TXAN offset
Vdd=3.3V, steady
state
50
mV
DC SUPPLY CURRENT VDD = 2.7V (BATTERY EOL)
PARAMETER
SYMBOL
CONDITIONS
MIN
NOM
MAX
UNIT
Maximum Power supply, normal
operation
IDD1
30pF/pin
9.5
10.5
mA
Maximum power supply
Idle mode
IDD2
30pF/pin
900
1500
µA
Maximum power supply
Power down mode
IDD3
30pF/pin
10
µA
DC SUPPLY CURRENT VDD = 3.0V
PARAMETER
SYMBOL
CONDITIONS
MIN
NOM
MAX
UNIT
Maximum Power supply, normal
operation
IDD1
30pF/pin
10.6
11.9
mA
Maximum power supply
Idle mode
IDD2
30pF/pin
1.1
1.7
mA
Maximum power supply
Power down mode
IDD3
30pF/pin
10
µA


Similar Part No. - 73M2901CLIH

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE Datasheet
277Kb / 22P
   Single Chip Modem
73M2901CE TERIDIAN-73M2901CE Datasheet
525Kb / 27P
   V.22bis Single Chip Modem
January 2010
73M2901CE-IGV/F TERIDIAN-73M2901CE-IGV/F Datasheet
277Kb / 22P
   Single Chip Modem
73M2901CE-IGV/F TERIDIAN-73M2901CE-IGV/F Datasheet
525Kb / 27P
   V.22bis Single Chip Modem
January 2010
73M2901CE-IGVR/F TERIDIAN-73M2901CE-IGVR/F Datasheet
277Kb / 22P
   Single Chip Modem
More results

Similar Description - 73M2901CLIH

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K322L TDK-73K322L Datasheet
288Kb / 30P
   CCITT V.23, V.22, V.21 Single-Chip Modem
73K222AL TDK-73K222AL Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE_V01 Datasheet
525Kb / 27P
   V.22bis Single Chip Modem
January 2010
logo
TDK Electronics
73K224L TDK-73K224L Datasheet
206Kb / 32P
   V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
logo
List of Unclassifed Man...
73K324L ETC-73K324L Datasheet
183Kb / 31P
   CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
IP568X ETC1-IP568X Datasheet
93Kb / 6P
   56K V.90 Modem Single Chip
logo
TDK Electronics
73K222BL TDK-73K222BL Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
73K321L TDK-73K321L Datasheet
140Kb / 24P
   CCITT V.23, V.21 Single-Chip Modem
logo
Teridian Semiconductor ...
73K222AL TERIDIAN-73K222AL Datasheet
277Kb / 27P
   Single-Chip Modem
73K224L TERIDIAN-73K224L Datasheet
248Kb / 31P
   Single-Chip Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com