Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF Datasheet(PDF) 1 Page - MTRONPTI

Part # CF
Description  Commercial Bandpass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

CF Datasheet(HTML) 1 Page - MTRONPTI

  CF Datasheet HTML 1Page - MTRONPTI CF Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CF Series
Commercial Bandpass Filter
Standard Parameters
Special Parameters
Comments
Frequency Range
20 to 1500 MHz
5 to 2500 MHz
Percentage
Bandwidth
1 to 100%
0.5 to 200%
Maximum VSWR
1.5:1
1.2:1
Average Input
Power
1 Watt
Up to 5 Watts
Measured up to 10,000 feet
Phase Linearity
± 5°
± 2°
Phase Matching
± 2°
± 1°
Maximum
Attenuation
Up to 50 dBc
Up to 65 dBc
Topology
Chebychev
*Consult Factory
Nominal
Impedance
50 Ohms
**Consult Factory
Number of
Sections
5
See chart below
Shock
5 G's
Up to 500 G's
See Below
Vibration
5 G's
Up to 500 G's
See Below
Humidity
90%, non-condensing
Up to 100%, non-condensing
See Below
Alititude
Unlimited
Unlimited
See Below
Operating
Temperature
0 to +50 °Celsius
-55 to +125 °Celsius
See Below
Storage
Temperature
-55 to +85 °Celsius
-65 to +150 °Celsius
See Below
Gross Leak
As required
As required
Additional testing charges will apply
Fine Leak
As required
As required
Additional testing charges will apply
Moisure
Resistance
100%
100%
Number of
Sections***
Length
Height
Number of Castellations
2 to 3
0.75"
0.33"
10
Overview
20140227
http://www.mtronpti.com/products/Filter/Bandpass/cf-series-commercial-bandpass


Similar Description - CF

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com