Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3401CDBV Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV3401CDBV
Description  FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3401CDBV Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV3401CDBV Datasheet HTML 4Page - Texas Instruments TLV3401CDBV Datasheet HTML 5Page - Texas Instruments TLV3401CDBV Datasheet HTML 6Page - Texas Instruments TLV3401CDBV Datasheet HTML 7Page - Texas Instruments TLV3401CDBV Datasheet HTML 8Page - Texas Instruments TLV3401CDBV Datasheet HTML 9Page - Texas Instruments TLV3401CDBV Datasheet HTML 10Page - Texas Instruments TLV3401CDBV Datasheet HTML 11Page - Texas Instruments TLV3401CDBV Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TLV3401, TLV3402, TLV3404
FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
SLCS135A – AUGUST 2000 – REVISED NOVEMBER 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
MECHANICAL DATA
D (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
4040047 / D 10/96
0.228 (5,80)
0.244 (6,20)
0.069 (1,75) MAX
0.010 (0,25)
0.004 (0,10)
1
14
0.014 (0,35)
0.020 (0,51)
A
0.157 (4,00)
0.150 (3,81)
7
8
0.044 (1,12)
0.016 (0,40)
Seating Plane
0.010 (0,25)
PINS **
0.008 (0,20) NOM
A MIN
A MAX
DIM
Gage Plane
0.189
(4,80)
(5,00)
0.197
8
(8,55)
(8,75)
0.337
14
0.344
(9,80)
16
0.394
(10,00)
0.386
0.004 (0,10)
M
0.010 (0,25)
0.050 (1,27)
0
°–8°
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion, not to exceed 0.006 (0,15).
D. Falls within JEDEC MS-012


Similar Part No. - TLV3401CDBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3401CDBVR TI1-TLV3401CDBVR Datasheet
759Kb / 14P
[Old version datasheet]   FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
TLV3401CDBVRG4 TI1-TLV3401CDBVRG4 Datasheet
759Kb / 14P
[Old version datasheet]   FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
TLV3401CDBVT TI1-TLV3401CDBVT Datasheet
759Kb / 14P
[Old version datasheet]   FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
TLV3401CDBVTG4 TI1-TLV3401CDBVTG4 Datasheet
759Kb / 14P
[Old version datasheet]   FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
More results

Similar Description - TLV3401CDBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3401 TI1-TLV3401_13 Datasheet
759Kb / 14P
[Old version datasheet]   FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
TLV2302 TI1-TLV2302_14 Datasheet
897Kb / 21P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
TLV2302 TI-TLV2302 Datasheet
396Kb / 22P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
TLV3701 TI-TLV3701 Datasheet
304Kb / 15P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701 TI1-TLV3701_15 Datasheet
1Mb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_15 Datasheet
952Kb / 17P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701 TI1-TLV3701 Datasheet
1Mb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3702QDRG4Q1 TI-TLV3702QDRG4Q1 Datasheet
948Kb / 16P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
logo
Microchip Technology
MCP6546 MICROCHIP-MCP6546_12 Datasheet
1Mb / 44P
   Open-Drain Output Sub-Microamp Comparators
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com