Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E522.31 Datasheet(PDF) 9 Page - ELMOS Semiconductor AG

Part # E522.31
Description  CHANNEL SWITCHED MODE CONSTANT CURRENT CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E522.31 Datasheet(HTML) 9 Page - ELMOS Semiconductor AG

Back Button E522.31_16 Datasheet HTML 5Page - ELMOS Semiconductor AG E522.31_16 Datasheet HTML 6Page - ELMOS Semiconductor AG E522.31_16 Datasheet HTML 7Page - ELMOS Semiconductor AG E522.31_16 Datasheet HTML 8Page - ELMOS Semiconductor AG E522.31_16 Datasheet HTML 9Page - ELMOS Semiconductor AG E522.31_16 Datasheet HTML 10Page - ELMOS Semiconductor AG E522.31_16 Datasheet HTML 11Page - ELMOS Semiconductor AG E522.31_16 Datasheet HTML 12Page - ELMOS Semiconductor AG E522.31_16 Datasheet HTML 13Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9/20
Elmos Semiconductor AG
Data Sheet
QM-No.: 25DS0085E.01
PRODUCTION DATA - JUL 21, 2016
Elmos Semiconductor AG reserves the right to change the detail specifications as may be required to permit improvements in the design of its products.
1 CHANNEL SWITCHED MODE CONSTANT CURRENT CONTROLLER
E522.31/33
Description
Condition
Symbol
Min
Typ
Max
Unit
RT Resistor Range for Internal
Oscillator Operation 1)
f
OSCIN = 0 Hz
R
RT,INT
50
120
OSCIN External Frequency Range 2)
f
OSCIN,EXT
225
650
kHz
Minimum High or Low Pulsewidth
at OSCIN for Synchronization
T
PULSE,MIN,OSCIN
660
ns
RT Resistor Range for external
Clock Synchronization
225kHz ≤ f
OSC,IN ≤ 650kHz
R
RT,EXT
47
137
Tracking between R
RT and OSCIN
frequency for external Oscillator
Synchronization
2)
R
RT,OSCIN
-5
5
%
Typical Range for Spread Spectrum
Modulation of internal Oscillator
f
OSCIN = 0 Hz
only valid for E522.31
f
SPREAD
-40
40
kHz
Digital Dimming Logic
Minimum PWDIM Pulse Width
3)
T
PWDIM,MIN
2
µs
PWDIM Frequency
f
PWDIM
20
400
2000
Hz
Timeout for CMP and Softstart
Reset
PWDIM = '0'
T
PWM,TIMEOUT
64
ms
LGATE Pullup Resistance
I
LGATE = -5mA
T
J = 25°C
R
ON,LGATEH
30
Ω
LGATE Pulldown Resistance
I
LGATE = 5mA
T
J = 25°C
R
ON,LGATEL
18
Ω
Average Current in LGATE
I
LGATE,AVG = fPWDIM x
Q
GATECHARGE + ILGATE,DC
I
LGATE,AVG
2
mA
Pullup Current at PWDIM to V3V3
V
PWDIM = 1V
I
PWDIM,PU
-100
-80
-60
µA
High Threshold at PWDIM
V
PWDIM rising
V
PWDIM,H
2.1
V
Low Threshold at PWDIM
V
PWDIM falling
V
PWDIM,L
1.2
V
Typical Delay by Internal Softstart
Ramp (standard setting)
PWDIM = '1'
(E52231A61C,
E52233A61C) 4) 5)
t
SOFTSTART
7.5
ms
Rising Voltage Slope at CMP during
Softstart (standard setting)
PWDIM = '1'
(E52231A61C,
E52233A61C) 5)
dV/
dt
CMP,START1
200
mV /
ms
Typical Delay by Internal Softstart
Ramp (fast setting)
PWDIM = '1'
(E52231A61CXFR,
E52233A61CXFR) 4) 5)
t
SOFTSTART,FAST
3.75
ms
Rising Voltage Slope at CMP during
Softstart (fast setting)
PWDIM = '1'
(E52231A61CXFR,
E52233A61CXFR) 5)
dV/
dt
CMP,START2
400
mV /
ms
Electrical Characteristics (continued)
1) E522.31 drives typical 1.2V to the RT node
2) The external input frequency must be matched to the frequency given by R
RT to detect a valid OSCIN signal
3) Note that the delays in external dimming circuit or magnetic components may limit the dimming pulse width above the
E522.3x limit
4) The time given is the typical delay that is necessary to reach a sufficiently high CMP voltage to regulate a typical application.
May vary depending on implementation details
5) Not production tested
(V
VIN = +5.5V to +55V, TAMB = -40°C to +125°C, unless otherwise noted. Typical values are at VVIN = +14V and TAMB =
+25°C. Positive currents flow into the device pins.)


Similar Part No. - E522.31_16

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E522.31 ELMOS-E522.31 Datasheet
211Kb / 2P
   SWITCH-MODE CONSTANT CURRENT LED CONTROLLER FAMILY
More results

Similar Description - E522.31_16

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E522.32 ELMOS-E522.32_16 Datasheet
167Kb / 2P
   2 CHANNEL SWITCHED MODE CONSTANT CURRENT CONTROLLER
logo
ON Semiconductor
NCP1360 ONSEMI-NCP1360 Datasheet
375Kb / 29P
   Low Power Offline Constant Current & Constant Voltage PWM Current-Mode Controller
October, 2015 ??Rev. 1
logo
Micrel Semiconductor
MIC2124 MICREL-MIC2124 Datasheet
680Kb / 24P
   Constant Frequency, Synchronous Current Mode Buck Controller
logo
Unisonic Technologies
USL1601 UTC-USL1601 Datasheet
174Kb / 6P
   CONSTANT CURRENT CONTROLLER
logo
ELMOS Semiconductor AG
E522.31 ELMOS-E522.31 Datasheet
211Kb / 2P
   SWITCH-MODE CONSTANT CURRENT LED CONTROLLER FAMILY
logo
ON Semiconductor
NCL30105 ONSEMI-NCL30105 Datasheet
623Kb / 22P
   Constant Off Time PWM Current-Mode Controller
May, 2012 ??Rev. 2
logo
Texas Instruments
UCC28710 TI1-UCC28710_15 Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
logo
HTC Korea TAEJIN Techno...
TJ1052 HTC-TJ1052 Datasheet
181Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
TJ1051 HTC-TJ1051_08 Datasheet
192Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
logo
Texas Instruments
UCC28722 TI1-UCC28722 Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com