Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB2-24TNU Datasheet(PDF) 9 Page - Kemet Corporation

Part # EB2-24TNU
Description  Electronic switching systems
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

EB2-24TNU Datasheet(HTML) 9 Page - Kemet Corporation

Back Button EB2-24TNU Datasheet HTML 5Page - Kemet Corporation EB2-24TNU Datasheet HTML 6Page - Kemet Corporation EB2-24TNU Datasheet HTML 7Page - Kemet Corporation EB2-24TNU Datasheet HTML 8Page - Kemet Corporation EB2-24TNU Datasheet HTML 9Page - Kemet Corporation EB2-24TNU Datasheet HTML 10Page - Kemet Corporation EB2-24TNU Datasheet HTML 11Page - Kemet Corporation EB2-24TNU Datasheet HTML 12Page - Kemet Corporation EB2-24TNU Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
R7001_EA2_EB2 • 2/27/2014
Miniature Signal Relays – EA2/EB2 Series
Maximum Coil Voltage
Maximum value of permissible alteration
Performance Data
Coil Temperature Rise
Temperature is measured by coil resistance
Switching Capacity
Maximum Values
Applied Voltage vs. Timing
(Sample: EA2-5NU)
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2007.08.03 P0886EMDD03VOL01E
EA2/EB2 SERIES
8
PERFORMANCE DATA
0
100
200
300
60
40
20
0
Applied power (mW)
0
5
10
15
20
30
20
10
0
Applied time (minute)
COIL TEMPERATURE RISE
Temperature is measured by coil resistance
Applied power 0.1W
Applied power 0.14W
Applied power 0.2W
Coil temperature
rise (°C )
Coil temperature
rise (°C)
-40 -20
0
20
40
60
80 100
200
150
100
50
Ambient temperature (° C)
10
20
50
100
2.0
1.0
0.5
0.2
0.1
Contact voltage (V)
SWITCHING CAPACITY
These are maximum values.
Inquire with NEC TOKIN for maximum values under continuous use.
MAXIMUM COIL VOLTAGE
This is a maximum value of permissible alteration.
Inquire with NEC TOKIN under continuous use.
DC(Resistive)
AC(Resistive)
250VAC
220VDC
Contact
current (A)
Ratio of
nominal
coil
voltage
(%)
0
100
150
200
250
0
Applied power (mW)
1
2
3
4
0
100
200
300
400
0
Applied power (mW)
1
2
3
4
APPLIED VOLTAGE VS. TIMING
(Sample: EA2-5NU)
(Without coil diode)
Operate
time
(ms)
Release
time
(ms)
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2007.08.03 P0886EMDD03VOL01E
EA2/EB2 SERIES
8
PERFORMANCE DATA
0
100
200
300
60
40
20
0
Applied power (mW)
0
5
10
15
20
30
20
10
0
Applied time (minute)
COIL TEMPERATURE RISE
Temperature is measured by coil resistance
Applied power 0.1W
Applied power 0.14W
Applied power 0.2W
Coil temperature
rise (°C )
Coil temperature
rise (°C)
-40 -20
0
20
40
60
80 100
200
150
100
50
Ambient temperature (° C)
10
20
50
100
2.0
1.0
0.5
0.2
0.1
Contact voltage (V)
SWITCHING CAPACITY
These are maximum values.
Inquire with NEC TOKIN for maximum values under continuous use.
MAXIMUM COIL VOLTAGE
This is a maximum value of permissible alteration.
Inquire with NEC TOKIN under continuous use.
DC(Resistive)
AC(Resistive)
250VAC
220VDC
Contact
current (A)
Ratio of
nominal
coil
voltage
(%)
0
100
150
200
250
0
Applied power (mW)
1
2
3
4
0
100
200
300
400
0
Applied power (mW)
1
2
3
4
APPLIED VOLTAGE VS. TIMING
(Sample: EA2-5NU)
(Without coil diode)
Operate
time
(ms)
Release
time
(ms)
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2007.08.03 P0886EMDD03VOL01E
EA2/EB2 SERIES
8
PERFORMANCE DATA
0
100
200
300
60
40
20
0
Applied power (mW)
0
5
10
15
20
30
20
10
0
Applied time (minute)
COIL TEMPERATURE RISE
Temperature is measured by coil resistance
Applied power 0.1W
Applied power 0.14W
Applied power 0.2W
Coil temperature
rise (°C )
Coil temperature
rise (°C)
-40 -20
0
20
40
60
80 100
200
150
100
50
Ambient temperature (° C)
10
20
50
100
2.0
1.0
0.5
0.2
0.1
Contact voltage (V)
SWITCHING CAPACITY
These are maximum values.
Inquire with NEC TOKIN for maximum values under continuous use.
MAXIMUM COIL VOLTAGE
This is a maximum value of permissible alteration.
Inquire with NEC TOKIN under continuous use.
DC(Resistive)
AC(Resistive)
250VAC
220VDC
Contact
current (A)
Ratio of
nominal
coil
voltage
(%)
0
100
150
200
250
0
Applied power (mW)
1
2
3
4
0
100
200
300
400
0
Applied power (mW)
1
2
3
4
APPLIED VOLTAGE VS. TIMING
(Sample: EA2-5NU)
(Without coil diode)
Operate
time
(ms)
Release
time
(ms)
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2007.08.03 P0886EMDD03VOL01E
EA2/EB2 SERIES
8
PERFORMANCE DATA
0
100
200
300
60
40
20
0
Applied power (mW)
0
5
10
15
20
30
20
10
0
Applied time (minute)
COIL TEMPERATURE RISE
Temperature is measured by coil resistance
Applied power 0.1W
Applied power 0.14W
Applied power 0.2W
Coil temperature
rise (°C )
Coil temperature
rise (°C)
-40 -20
0
20
40
60
80 100
200
150
100
50
Ambient temperature (° C)
10
20
50
100
2.0
1.0
0.5
0.2
0.1
Contact voltage (V)
SWITCHING CAPACITY
These are maximum values.
Inquire with NEC TOKIN for maximum values under continuous use.
MAXIMUM COIL VOLTAGE
This is a maximum value of permissible alteration.
Inquire with NEC TOKIN under continuous use.
DC(Resistive)
AC(Resistive)
250VAC
220VDC
Contact
current (A)
Ratio of
nominal
coil
voltage
(%)
0
100
150
200
250
0
Applied power (mW)
1
2
3
4
0
100
200
300
400
0
Applied power (mW)
1
2
3
4
APPLIED VOLTAGE VS. TIMING
(Sample: EA2-5NU)
(Without coil diode)
Operate
time
(ms)
Release
time
(ms)
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2007.08.03 P0886EMDD03VOL01E
EA2/EB2 SERIES
8
PERFORMANCE DATA
0
100
200
300
60
40
20
0
Applied power (mW)
0
5
10
15
20
30
20
10
0
Applied time (minute)
COIL TEMPERATURE RISE
Temperature is measured by coil resistance
Applied power 0.1W
Applied power 0.14W
Applied power 0.2W
Coil temperature
rise (°C )
Coil temperature
rise (°C)
-40 -20
0
20
40
60
80 100
200
150
100
50
Ambient temperature (° C)
10
20
50
100
2.0
1.0
0.5
0.2
0.1
Contact voltage (V)
SWITCHING CAPACITY
These are maximum values.
Inquire with NEC TOKIN for maximum values under continuous use.
MAXIMUM COIL VOLTAGE
This is a maximum value of permissible alteration.
Inquire with NEC TOKIN under continuous use.
DC(Resistive)
AC(Resistive)
250VAC
220VDC
Contact
current (A)
Ratio of
nominal
coil
voltage
(%)
0
100
150
200
250
0
Applied power (mW)
1
2
3
4
0
100
200
300
400
0
Applied power (mW)
1
2
3
4
APPLIED VOLTAGE VS. TIMING
(Sample: EA2-5NU)
(Without coil diode)
Operate
time
(ms)
Release
time
(ms)
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2007.08.03 P0886EMDD03VOL01E
EA2/EB2 SERIES
8
PERFORMANCE DATA
0
100
200
300
60
40
20
0
Applied power (mW)
0
5
10
15
20
30
20
10
0
Applied time (minute)
COIL TEMPERATURE RISE
Temperature is measured by coil resistance
Applied power 0.1W
Applied power 0.14W
Applied power 0.2W
Coil temperature
rise (°C )
Coil temperature
rise (°C)
-40 -20
0
20
40
60
80 100
200
150
100
50
Ambient temperature (° C)
10
20
50
100
2.0
1.0
0.5
0.2
0.1
Contact voltage (V)
SWITCHING CAPACITY
These are maximum values.
Inquire with NEC TOKIN for maximum values under continuous use.
MAXIMUM COIL VOLTAGE
This is a maximum value of permissible alteration.
Inquire with NEC TOKIN under continuous use.
DC(Resistive)
AC(Resistive)
250VAC
220VDC
Contact
current (A)
Ratio of
nominal
coil
voltage
(%)
0
100
150
200
250
0
Applied power (mW)
1
2
3
4
0
100
200
300
400
0
Applied power (mW)
1
2
3
4
APPLIED VOLTAGE VS. TIMING
(Sample: EA2-5NU)
(Without coil diode)
Operate
time
(ms)
Release
time
(ms)


Similar Part No. - EB2-24TNU

ManufacturerPart #DatasheetDescription
logo
NEC
EB2-24TNU-N NEC-EB2-24TNU-N Datasheet
114Kb / 8P
   COMPACT AND LIGHT WEIGHT SURFACE MOUNTING TYPE
EB2-24TNU-R NEC-EB2-24TNU-R Datasheet
114Kb / 8P
   COMPACT AND LIGHT WEIGHT SURFACE MOUNTING TYPE
EB2-24TNUE-N NEC-EB2-24TNUE-N Datasheet
114Kb / 8P
   COMPACT AND LIGHT WEIGHT SURFACE MOUNTING TYPE
EB2-24TNUE-R NEC-EB2-24TNUE-R Datasheet
114Kb / 8P
   COMPACT AND LIGHT WEIGHT SURFACE MOUNTING TYPE
EB2-24TNUH-N NEC-EB2-24TNUH-N Datasheet
114Kb / 8P
   COMPACT AND LIGHT WEIGHT SURFACE MOUNTING TYPE
More results

Similar Description - EB2-24TNU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EE2-3SNU-L KEMET-EE2-3SNU-L Datasheet
2Mb / 18P
   Electronic switching systems
UB2-3SNU-L KEMET-UB2-3SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
UD2-3SNU-L KEMET-UD2-3SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-HUXYYYZ AVAGO-AFBR-HUXYYYZ Datasheet
141Kb / 3P
   Telecommunications switching systems
logo
Intersil Corporation
CA3165 INTERSIL-CA3165 Datasheet
67Kb / 6P
   Electronic Switching Circuit
May 1999
logo
Sanyo Semicon Device
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
   Electronic Volume Control for Car Audio Systems
LC75410E SANYO-LC75410E Datasheet
234Kb / 28P
   Electronic Volume Controller for Car Audio Systems
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com