Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB2-4.5TNU-L Datasheet(PDF) 1 Page - Kemet Corporation

Part # EB2-4.5TNU-L
Description  Electronic switching systems
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

EB2-4.5TNU-L Datasheet(HTML) 1 Page - Kemet Corporation

  EB2-4.5TNU-L Datasheet HTML 1Page - Kemet Corporation EB2-4.5TNU-L Datasheet HTML 2Page - Kemet Corporation EB2-4.5TNU-L Datasheet HTML 3Page - Kemet Corporation EB2-4.5TNU-L Datasheet HTML 4Page - Kemet Corporation EB2-4.5TNU-L Datasheet HTML 5Page - Kemet Corporation EB2-4.5TNU-L Datasheet HTML 6Page - Kemet Corporation EB2-4.5TNU-L Datasheet HTML 7Page - Kemet Corporation EB2-4.5TNU-L Datasheet HTML 8Page - Kemet Corporation EB2-4.5TNU-L Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
R7001_EA2_EB2 • 2/27/2014
One world. One KEMET
Benefits
• Low power consumption (< 200 mW)
• Compact and lightweight
• Low magnetic interference
• Breakdown voltage: 1,000 VAC (1,500 VAC surge),
FCC Part 68 compliant
• Tube or embossed tape and reel packaging
• ULrecognized(E73266)andCSAcertified(LR46266)
• Surface mount and through-hole options
Overview
The KEMET EA2/EB2 miniature signal relays offer a compact
casesizeinaflatpackage.Minimalboardspaceisconsumed
witheitherathrough-holeorsurfacemountconfiguration.These
relays are recognized by UL and CSA, while also being compliant
with Part 68 of the FCC’s 1,500 V surge capacity.
Applications
• Electronic switching systems
• PBX
• Terminal equipment
• Telephone systems
Miniature Signal Relays
EA2/EB2 Series
Part Number System
EB2-
3
S
NU
-L
Series
Coil Voltage
Latch Type
Lead Type
Packaging
EA2- = Through-hole mount
EB2- = Surface mount
3 = 3 VDC
4.5 = 4.5 VDC
5 = 5 VDC
12 = 12 VDC
24 = 24 VDC
Blank = Non-latch type
S = Single coil latch type
T = Double coil latch type
NU = Standard
Blank = Tube
-L = Embossed tape on reel


Similar Part No. - EB2-4.5TNU-L

ManufacturerPart #DatasheetDescription
logo
NEC
EB2-4.5TNU-N NEC-EB2-4.5TNU-N Datasheet
114Kb / 8P
   COMPACT AND LIGHT WEIGHT SURFACE MOUNTING TYPE
EB2-4.5TNU-R NEC-EB2-4.5TNU-R Datasheet
114Kb / 8P
   COMPACT AND LIGHT WEIGHT SURFACE MOUNTING TYPE
More results

Similar Description - EB2-4.5TNU-L

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EE2-3SNU-L KEMET-EE2-3SNU-L Datasheet
2Mb / 18P
   Electronic switching systems
UB2-3SNU-L KEMET-UB2-3SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
UD2-3SNU-L KEMET-UD2-3SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-HUXYYYZ AVAGO-AFBR-HUXYYYZ Datasheet
141Kb / 3P
   Telecommunications switching systems
logo
Intersil Corporation
CA3165 INTERSIL-CA3165 Datasheet
67Kb / 6P
   Electronic Switching Circuit
May 1999
logo
Sanyo Semicon Device
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
   Electronic Volume Control for Car Audio Systems
LC75410E SANYO-LC75410E Datasheet
234Kb / 28P
   Electronic Volume Controller for Car Audio Systems
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com