Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC2-3TNUX-L Datasheet(PDF) 9 Page - Kemet Corporation

Part # EC2-3TNUX-L
Description  Electronic switching systems
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

EC2-3TNUX-L Datasheet(HTML) 9 Page - Kemet Corporation

Back Button EC2-3TNUX-L Datasheet HTML 5Page - Kemet Corporation EC2-3TNUX-L Datasheet HTML 6Page - Kemet Corporation EC2-3TNUX-L Datasheet HTML 7Page - Kemet Corporation EC2-3TNUX-L Datasheet HTML 8Page - Kemet Corporation EC2-3TNUX-L Datasheet HTML 9Page - Kemet Corporation EC2-3TNUX-L Datasheet HTML 10Page - Kemet Corporation EC2-3TNUX-L Datasheet HTML 11Page - Kemet Corporation EC2-3TNUX-L Datasheet HTML 12Page - Kemet Corporation EC2-3TNUX-L Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
R7002_EC2_EE2 • 2/27/2014
Miniature Signal Relays – EC2/EE2 Series
Coil Specifications cont’d
Non-latch, High Breakdown Voltage (NKX) Type (@ 20°C)
Nominal Coil Voltage
(VDC)
Coil Resistance
(Ω) ±10%
Operating Voltage1
(VDC)
Release Voltage1
(VDC)
Nominal Operating
Power (mW)
3
39.1
2.25
0.3
230
4.5
88.0
3.38
0.45
230
12
626.0
9.0
1.2
230
1
Test by pulse voltage.
Recommended Relay Drive Conditions
Coil Type
Rating
Ambient Temperature
Non-latch
Voltage:≤±5%ofnominalvoltage
-40 to +85°C
Single Coil
Double Coil
Square pulse (rise and fall time is rapid)
Pulseheight:≤±5%ofnominalvoltage
Pulse Width: > 10 ms
Marking
Top view
050 1F
EC 2-5NU
JAPAN
050 1F
EC 2-5ND
JAPAN
Part number
Manufacturer
Country of origin
Date code
Direction mark
(pin No. 1 and 12)
UL, CSA marking
Manufacturer
Country of origin
Date code
Part number
Direction mark
(pin No. 1 and 12)
TUV, UL, CSA marking


Similar Part No. - EC2-3TNUX-L

ManufacturerPart #DatasheetDescription
logo
NEC
EC2-3TNU NEC-EC2-3TNU Datasheet
107Kb / 8P
   COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
More results

Similar Description - EC2-3TNUX-L

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EB2-3SNU-L KEMET-EB2-3SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
UB2-3SNU-L KEMET-UB2-3SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
UD2-3SNU-L KEMET-UD2-3SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-HUXYYYZ AVAGO-AFBR-HUXYYYZ Datasheet
141Kb / 3P
   Telecommunications switching systems
logo
Intersil Corporation
CA3165 INTERSIL-CA3165 Datasheet
67Kb / 6P
   Electronic Switching Circuit
May 1999
logo
Sanyo Semicon Device
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
   Electronic Volume Control for Car Audio Systems
LC75410E SANYO-LC75410E Datasheet
234Kb / 28P
   Electronic Volume Controller for Car Audio Systems
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com