Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS58J64 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58J64
Description  Quad-Channel, 14-Bit, 1-GSPS Telecom Receiver Device
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS58J64 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS58J64 Datasheet HTML 3Page - Texas Instruments ADS58J64 Datasheet HTML 4Page - Texas Instruments ADS58J64 Datasheet HTML 5Page - Texas Instruments ADS58J64 Datasheet HTML 6Page - Texas Instruments ADS58J64 Datasheet HTML 7Page - Texas Instruments ADS58J64 Datasheet HTML 8Page - Texas Instruments ADS58J64 Datasheet HTML 9Page - Texas Instruments ADS58J64 Datasheet HTML 10Page - Texas Instruments ADS58J64 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 81 page
background image
7
ADS58J64
www.ti.com
SBAS807 – JANUARY 2017
Product Folder Links: ADS58J64
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Crosstalk is measured with a –1-dBFS input signal on aggressor channel and no input on the victim channel.
6.5 Electrical Characteristics
typical values are at TA = 25°C, full temperature range is from TMIN = –40°C to TMAX = +100°C, input clock frequency = 1 GHz,
mode 8: 2x decimation with burst mode output, 50% clock duty cycle, AVDD19 = 1.9 V, AVDD = DVDD = 1.15 V, –1-dBFS
differential input, and fIN = 190 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GENERAL
ADC sampling rate
1 GSPS
Resolution
14
Bits
POWER SUPPLY
AVDD19
1.9-V analog supply
1.85
1.9
1.95
V
AVDD
1.15-V analog supply
1.1
1.15
1.2
V
DVDD
1.15-V digital supply
1.1
1.15
1.2
V
IAVDD19
1.9-V analog supply current
100-MHz, full-scale input on all four channels
618
mA
IAVDD
1.15-V analog supply current
100-MHz, full-scale input on all four channels
415
mA
IDVDD
1.15-V digital supply current
Mode 8, 100 MHz, full-scale input on all four
channels
629
mA
Mode 3, 100 MHz, full-scale input on all four
channels
730
Mode 0 and 2, 100 MHz, full-scale input on all four
channels
674
Mode 1, 4, 6, and 7, 100 MHz, full-scale input on
all four channels
703
Pdis
Total power dissipation
Mode 8, 100 MHz, full-scale input on all four
channels
2.37
W
Mode 3, 100 MHz, full-scale input on all four
channels
2.49
Mode 0 and 2, 100 MHz, full-scale input on all four
channels
2.42
Mode 1, 4, 6, and 7, 100 MHz, full-scale input on
all four channels
2.46
Global power-down power
dissipation
Full-scale input on all four channels
120
mW
ANALOG INPUTS
Differential input full-scale
voltage
1.1
VPP
Input common-mode voltage
1.3
V
Differential input resistance
At fIN = dc
4
Differential input capacitance
2.5
pF
Analog input bandwidth (3 dB)
1000
MHz
ISOLATION
Crosstalk(1) isolation between
near channels
(channels A and B are near to
each other, channels C and D
are near to each other)
fIN = 10 MHz
75
dBFS
fIN = 100 MHz
75
fIN = 170 MHz
74
fIN = 270 MHz
72
fIN = 370 MHz
71
fIN = 470 MHz
70
Crosstalk(1) isolation between
far channels
(channels A and B are far from
channels C and D)
fIN = 10 MHz
110
dBFS
fIN = 100 MHz
110
fIN = 170 MHz
110
fIN = 270 MHz
110
fIN = 370 MHz
110
fIN = 470 MHz
110


Similar Part No. - ADS58J64

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS58J64 TI1-ADS58J64 Datasheet
8Mb / 84P
[Old version datasheet]   ADS58J64 Quad-Channel, 14-Bit, 1-GSPS Telecom Receiver Device
ADS58J64IRMPR TI1-ADS58J64IRMPR Datasheet
8Mb / 84P
[Old version datasheet]   ADS58J64 Quad-Channel, 14-Bit, 1-GSPS Telecom Receiver Device
ADS58J64IRMPT TI1-ADS58J64IRMPT Datasheet
8Mb / 84P
[Old version datasheet]   ADS58J64 Quad-Channel, 14-Bit, 1-GSPS Telecom Receiver Device
ADS58J64IRRHR TI1-ADS58J64IRRHR Datasheet
8Mb / 84P
[Old version datasheet]   ADS58J64 Quad-Channel, 14-Bit, 1-GSPS Telecom Receiver Device
ADS58J64IRRHT TI1-ADS58J64IRRHT Datasheet
8Mb / 84P
[Old version datasheet]   ADS58J64 Quad-Channel, 14-Bit, 1-GSPS Telecom Receiver Device
More results

Similar Description - ADS58J64

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS58J64 TI1-ADS58J64_V01 Datasheet
8Mb / 84P
[Old version datasheet]   ADS58J64 Quad-Channel, 14-Bit, 1-GSPS Telecom Receiver Device
ADS58J63 TI1-ADS58J63 Datasheet
5Mb / 84P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS58J63 TI-ADS58J63_15 Datasheet
5Mb / 87P
[Old version datasheet]   ADS58J63 Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADC31RF80 TI1-ADC31RF80 Datasheet
8Mb / 136P
[Old version datasheet]   3-GSPS Telecom Receiver and Feedback Device
ADS54J64 TI1-ADS54J64 Datasheet
8Mb / 82P
[Old version datasheet]   Quad-Channel, 14-Bit, 1-GSPS, 2x Oversampling, Analog-to-Digital Converter
ADC32RF80 TI1-ADC32RF80_16 Datasheet
8Mb / 136P
[Old version datasheet]   Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
AFE7444 TI1-AFE7444 Datasheet
79Kb / 4P
[Old version datasheet]   Quad-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444_V01 Datasheet
363Kb / 8P
[Old version datasheet]   AFE7444 Quad-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
ADC32RF80 TI-ADC32RF80_V01 Datasheet
8Mb / 138P
[Old version datasheet]   ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
logo
Analog Devices
AD9779ABSVZ AD-AD9779ABSVZ Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com