Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS58J64IRMPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58J64IRMPR
Description  Quad-Channel, 14-Bit, 1-GSPS Telecom Receiver Device
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS58J64IRMPR Datasheet(HTML) 3 Page - Texas Instruments

  ADS58J64IRMPR Datasheet HTML 1Page - Texas Instruments ADS58J64IRMPR Datasheet HTML 2Page - Texas Instruments ADS58J64IRMPR Datasheet HTML 3Page - Texas Instruments ADS58J64IRMPR Datasheet HTML 4Page - Texas Instruments ADS58J64IRMPR Datasheet HTML 5Page - Texas Instruments ADS58J64IRMPR Datasheet HTML 6Page - Texas Instruments ADS58J64IRMPR Datasheet HTML 7Page - Texas Instruments ADS58J64IRMPR Datasheet HTML 8Page - Texas Instruments ADS58J64IRMPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 81 page
background image
1
TRDYCD
54
TRDYAB
2
TRIGCD
53
TRIGAB
3
DGND
52
DGND
4
DVDD
51
DVDD
5
SDIN
50
PDN
6
SCLK
49
RES
7
SEN
48
RESET
8
DVDD
47
DVDD
9
AVDD
46
AVDD
10
AVDD19
45
AVDD19
11
SDOUT
44
AVDD
12
AVDD
43
AVDD
13
INDP
42
INAP
14
INDM
41
INAM
15
AVDD
40
AVDD
16
AVDD19
39
AVDD19
17
AVDD
38
AVDD
18
INCM
37
INBM
Not to scale
Thermal
Pad
3
ADS58J64
www.ti.com
SBAS807 – JANUARY 2017
Product Folder Links: ADS58J64
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
RMP Package
72-Pin VQFN
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
INPUT, REFERENCE
INAM
41
I
Differential analog input pin for channel A, internal bias via a 2-kΩ resistor to VCM
INAP
42
INBM
37
I
Differential analog input pin for channel B, internal bias via a 2-kΩ resistor to VCM
INBP
36
INCM
18
I
Differential analog input pin for channel C, internal bias via a 2-kΩ resistor to VCM
INCP
19


Similar Part No. - ADS58J64IRMPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS58J64IRMPR TI1-ADS58J64IRMPR Datasheet
8Mb / 84P
[Old version datasheet]   ADS58J64 Quad-Channel, 14-Bit, 1-GSPS Telecom Receiver Device
More results

Similar Description - ADS58J64IRMPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS58J64 TI1-ADS58J64_V01 Datasheet
8Mb / 84P
[Old version datasheet]   ADS58J64 Quad-Channel, 14-Bit, 1-GSPS Telecom Receiver Device
ADS58J63 TI1-ADS58J63 Datasheet
5Mb / 84P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS58J63 TI-ADS58J63_15 Datasheet
5Mb / 87P
[Old version datasheet]   ADS58J63 Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADC31RF80 TI1-ADC31RF80 Datasheet
8Mb / 136P
[Old version datasheet]   3-GSPS Telecom Receiver and Feedback Device
ADS54J64 TI1-ADS54J64 Datasheet
8Mb / 82P
[Old version datasheet]   Quad-Channel, 14-Bit, 1-GSPS, 2x Oversampling, Analog-to-Digital Converter
ADC32RF80 TI1-ADC32RF80_16 Datasheet
8Mb / 136P
[Old version datasheet]   Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
AFE7444 TI1-AFE7444 Datasheet
79Kb / 4P
[Old version datasheet]   Quad-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444_V01 Datasheet
363Kb / 8P
[Old version datasheet]   AFE7444 Quad-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
ADC32RF80 TI-ADC32RF80_V01 Datasheet
8Mb / 138P
[Old version datasheet]   ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
logo
Analog Devices
AD9779ABSVZ AD-AD9779ABSVZ Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com